Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TN0108 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TN0108
Description  Migration differences between SPC560B4x/50
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0108 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TN0108 Datasheet HTML 16Page - STMicroelectronics TN0108 Datasheet HTML 17Page - STMicroelectronics TN0108 Datasheet HTML 18Page - STMicroelectronics TN0108 Datasheet HTML 19Page - STMicroelectronics TN0108 Datasheet HTML 20Page - STMicroelectronics TN0108 Datasheet HTML 21Page - STMicroelectronics TN0108 Datasheet HTML 22Page - STMicroelectronics TN0108 Datasheet HTML 23Page - STMicroelectronics TN0108 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Clocks (including RTC)
TN0108
20/26
Doc ID 15874 Rev 2
7
Clocks (including RTC)
7.1
Invalid clock selection inhibit
On Cut 1.1 devices, whenever an attempt was made to access a peripheral that had the
peripheral clock disabled, the system hung with no response.
On Cut 2 devices, this has been fixed such that the system no longer hangs. If the RAE bit is
set within the SSCM_ERROR register, then the user will be notified of an access problem
with an IVOR2 exception. The clock status of each peripheral (enabled or disabled) can be
determined by reading the ME_PSx registers.
7.2
RTC counter updates
On Cut 1.1 devices, the RTC has to be halted (by writing to the CNTEN bit in the RTC
Control register) before the RTC compare value (RTCVAL) is changed. This not only
stopped the counter, but also had the effect of resetting the counter.
A modification has been made on Cut 2 devices, so that the RTCVAL can be changed
without halting the counter.
Note:
For customers who have written code to change the counter value in Cut 1.1, you need to
be careful of the fact that the counter is reset when CNTEN is cleared. On Cut 2 you may
get a timer compare almost immediately after modifying the RTVAL.
Table 19.
Unclocked peripheral behavior
Silicon revision
Behavior on accessing unclocked peripheral
SPC560B Cut 1.1
Non-recoverable system hang.
SPC560B Cut 2
System does not hang. User notified via IVOR2 exception.
Table 20.
Real-time counter
Silicon revision
Change RTCVAL
Comments
SPC560B Cut 1.1
Halt Counter, then change RTVAL
Counter is reset when CNTEN is
cleared
SPC560B Cut 2
Change RTVAL when counter is running
No need to stop counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com