Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0212 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0212
Description  STOTG04 USB OTG full-speed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0212 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0212 Datasheet HTML 3Page - STMicroelectronics UM0212 Datasheet HTML 4Page - STMicroelectronics UM0212 Datasheet HTML 5Page - STMicroelectronics UM0212 Datasheet HTML 6Page - STMicroelectronics UM0212 Datasheet HTML 7Page - STMicroelectronics UM0212 Datasheet HTML 8Page - STMicroelectronics UM0212 Datasheet HTML 9Page - STMicroelectronics UM0212 Datasheet HTML 10Page - STMicroelectronics UM0212 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
UM0212
STOTG04 demonstration board hardware
7/13
1.4
Connector assignments
1.4.1
CON3 pin
The USB OTG controller accesses the USBOTG04’s SIE through the CON3 connector and
controls the following signals (see Table 3):
●
DAT_VP
●
SE0_VM
●
RCV
●
OE_TP_INT
●
I2C bus, and
●
other main signals used by most types of OTG controllers.
Warning:
The Q1 and Q3 transistor bases MUST be connected to GND
BEFORE the demonstration board is connected to the USB OTG
controller. The Q1 and Q3 bases are connected to the R1 and R3
resistors (see Appendix A: STOTG04 demonstration board
schematics).
Table 2.
Demonstration board connectors(1)
1.
See Figure 4.
Connector
Descriptions
CON1
Power supply pins (P7-P14): VBAT, VIF, and GND
CON2
USB Mini-AB connector for USB/USB OTG devices
CON3
Header connector for the USB OTG controller via the serial interface engine (SIE)
signals (see Section 1.4.1)
CON4
DSUB-9 connector for the PC serial port used to control the transceiver through the I2C
bus
Table 3.
CON3 pin assignments
Pin No.
Description
Pin no.
Description
1
GND
8
SPEED
2
Not connected
9
VM
3
SCL (I2C clock signal)
10
OE_TP_INT
4
SDA (I2C data signal)
11
RVC
5INT
12
VP
6
RESET
13
DAT_VP
7
SUSPEND
14
SE0_VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com