| Electronic Components Datasheet Search |
|
UM0212 Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0212 Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 13 page ![]() UM0212 STOTG04 demonstration board hardware 3/13 1 STOTG04 demonstration board hardware The demonstration board consists of six main parts (see Figure 2 and Figure 3). ● Power supply pins (VBAT and VIF) ● Level shifters ● The STOTG04 full-speed transceiver ● Configuration jumpers ● A USB OTG controller connector ● A reset switch (see Section 1.5). The STOTG04 needs two types of power supply voltages to function (see Section 1.1). The battery supply voltage (VBAT) supplies power to the analog functions, and the digital interface voltage (VIF) supplies power to the digital interface. These supply voltages are connected to the demonstration board through the power pins. The board can also be controlled by a PC serial port (see Section 1.2). The RS-232C PC signal levels are converted to I2C levels by the level shifter block. The jumpers allow users to test and measure the STOTG04 characteristics without a USB OTG controller (see Section 1.3). The USB OTG controller header connector enables the user to connect a USB OTG controller (see CON3 pin) or any digital control system to the demonstration board. USB or USB OTG devices can be connected via the mini-AB connector (see Appendix A: STOTG04 demonstration board schematics). Figure 2. STOTG04 demonstration board block diagram DB-9 Serial Port Connector USB OTG Controller Header Connector Jumpers RESET RS232C ↔ I2C Level Shifters STOTG04 USB OTG Full-speed Transceiver Power Pins (VBAT, VIF) I 2 C signals Mini-AB Connector VBUS, DP, DM, ID AI11879 INT, SUSPEND, DAT_VP, SE0_VM, RCV, VM, VP, RESET, SPEED, OE_TP_INT |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |