Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0212 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0212
Description  STOTG04 USB OTG full-speed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0212 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0212 Datasheet HTML 1Page - STMicroelectronics UM0212 Datasheet HTML 2Page - STMicroelectronics UM0212 Datasheet HTML 3Page - STMicroelectronics UM0212 Datasheet HTML 4Page - STMicroelectronics UM0212 Datasheet HTML 5Page - STMicroelectronics UM0212 Datasheet HTML 6Page - STMicroelectronics UM0212 Datasheet HTML 7Page - STMicroelectronics UM0212 Datasheet HTML 8Page - STMicroelectronics UM0212 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
UM0212
STOTG04 demonstration board hardware
5/13
Figure 4.
Demonstration board layout
1.1
STOTG04 power requirements
The recommended supply voltages of the transceiver are:
●
VIF = 1.6 V to 3.6 V (VIF = 1.8 V, typ)
●
VBAT = 2.7 V to 5.5 V (VBAT = 3.3 V, typ).
The demonstration board was designed for these same voltage ranges. However, the board
does not contain any voltage regulators, so if only one common supply voltage is used, the
following range is recommended:
VCOMMON = 2.7 V to 3.6 V
Note:
Jumper J7 connecting the VBAT and VIF power supply pins has to be shorted (see Table 1).
1.2
Connecting to a PC
The STOTG04 demonstration board must be connected to the PC serial port via a
non-crossed serial cable. The PC serial port can be selected in the USB OTG
demonstration board software (see Chapter 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com