Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4378 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4378
Description  Using the BlueNRG transceiver under FCC title 47 part 15
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4378 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4378 Datasheet HTML 3Page - STMicroelectronics AN4378 Datasheet HTML 4Page - STMicroelectronics AN4378 Datasheet HTML 5Page - STMicroelectronics AN4378 Datasheet HTML 6Page - STMicroelectronics AN4378 Datasheet HTML 7Page - STMicroelectronics AN4378 Datasheet HTML 8Page - STMicroelectronics AN4378 Datasheet HTML 9Page - STMicroelectronics AN4378 Datasheet HTML 10Page - STMicroelectronics AN4378 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID025421 Rev 1
7/19
AN4378
Transmitter parameter
19
3
Transmitter parameter
All the measurements reported here are measured using the following parameters:
Tc = 25 °C, Vdd = 3.3 V, f = 2402 MHz (lower frequency of the useful bandwidth), unless
otherwise specified.
3.1
6 dB channel bandwidth
The 6 dB channel bandwidth is defined as the difference between the upper and lower
frequencies that are -6 dB relative to the peak.
The measurements are performed in conducted mode, connecting the BlueNRG application
board to a spectrum analyzer. The RBW (resolution bandwidth) of the spectrum must be set
to about 1-5% or the BlueNRG bandwidth, not to exceed 100 kHz. The VBW (video
bandwidth) must be equal to or greater than 3 times the RBW. The detector must be set to
peak, the trace to max hold, and the span set wide enough to capture the entire modulation
envelope.
The 6 dB bandwidth measurement is shown in Figure 4. The measured bandwidth is more
than 730 kHz.
Figure 4. 6 dB bandwidth measurement
AM17619v1
-30
-25
-20
-15
-10
-5
0
5
10
2.4010E+09
2.4012E+09
2.4014E+09
2.4016E+09
2.4018E+09
2.4020E+09
2.4022E+09
2.4024E+09
2.4026E+09
2.4028E+09
2.4030E+09
Frequency [Hz]
6 dB
730 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com