Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4378 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4378
Description  Using the BlueNRG transceiver under FCC title 47 part 15
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4378 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4378 Datasheet HTML 1Page - STMicroelectronics AN4378 Datasheet HTML 2Page - STMicroelectronics AN4378 Datasheet HTML 3Page - STMicroelectronics AN4378 Datasheet HTML 4Page - STMicroelectronics AN4378 Datasheet HTML 5Page - STMicroelectronics AN4378 Datasheet HTML 6Page - STMicroelectronics AN4378 Datasheet HTML 7Page - STMicroelectronics AN4378 Datasheet HTML 8Page - STMicroelectronics AN4378 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DocID025421 Rev 1
3/19
AN4378
An overview of FCC regulations
19
1
An overview of FCC regulations
Low power, non-licensed devices operating in the 2400 - 2483.5 MHz band are found
everywhere, such as toys, wireless security systems, wireless telemetry, wireless automatic
meter reading applications, and so on.
The FCC is the body responsible in the USA for implementing rules limiting the potential for
interference to licensed operations by low power, non-licensed transmitters. These rules are
documented in Part 15 of Title 47 of the FCC.
For operation in the 2400 - 2483.5 MHz band, a low power, non-licensed device must meet
one of the following sub-parts of the regulation:
–
Part 15.247: devices that operate to this part are limited to frequency hopping and
digitally modulated scheme.
–
Part 15.249: this sub-part does not enforce restrictions on either modulation
scheme or the end application.
The FCC classifies Bluetooth BR/EDR as an FHSS system. However, Bluetooth LE does
not fulfill these requirements. Instead, the FCC classifies Bluetooth LE as a system using
digital modulation techniques.
1.1
Part 15.247
To be compliant with the FCC part 15.247 digital modulation scheme, the devices or
systems must meet the following requirements:
1.
The minimum 6 dB bandwidth of the signal shall be at least 500 kHz.
2.
The maximum permitted peak conducted output power is +30 dBm (1 W). However, the
power spectral density conducted from the intentional radiator to the antenna shall not
be greater than 8 dBm in any 3 kHz band during any time interval of continuous
transmission.
3.
In any 100 kHz bandwidth outside the frequency band of operation the power shall be
at least 20 dB below that in the 100 kHz bandwidth within the band that contains the
highest level of the desired power.
4.
Radiated harmonic and spurious emissions which fall within the restricted bands, as
defined in FCC part 15.205 must comply with the radiated emission limits specified in
FCC part 15.209.
A detailed guide document called “Guidance for Performing Compliance Measurements on
Digital Transmission Systems (DTS) Operating Under Part 15.247” was written from FCC
[3]. Here, this guidance is followed when performing the FCC part 15.24 compliance
measurements.
1.2
Parts 15.205 and 15.209
As previously described, radiated harmonics and spurious emissions of devices that comply
with part 15.247, which fall within the restricted bands as defined in FCC part 15.205, must
comply with the radiated emission limits specified in FCC part 15.209. For any 100 kHz
bandwidth outside the frequency band of operation and outside the restricted bands, the
power shall be at least 20 dB below that in the 100 kHz bandwidth within the band that
contains the highest level of the desired power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com