Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4378 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4378
Description  Using the BlueNRG transceiver under FCC title 47 part 15
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4378 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4378 Datasheet HTML 1Page - STMicroelectronics AN4378 Datasheet HTML 2Page - STMicroelectronics AN4378 Datasheet HTML 3Page - STMicroelectronics AN4378 Datasheet HTML 4Page - STMicroelectronics AN4378 Datasheet HTML 5Page - STMicroelectronics AN4378 Datasheet HTML 6Page - STMicroelectronics AN4378 Datasheet HTML 7Page - STMicroelectronics AN4378 Datasheet HTML 8Page - STMicroelectronics AN4378 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
An overview of FCC regulations
AN4378
4/19
DocID025421 Rev 1
Part 15.205 shows the bands where only spurious emissions are permitted (see Table 1).
The field strength of emissions appearing within these frequency bands shall not exceed the
limits shown in part 15.209. The tables that follow show the restricted bands as defined in
part 15.205, and the radiated and conducted emission limits are defined in part 15.209. In
Table 2 the maximum permissible electric field strength at a specific measurement distance
is reported, along with the equivalent EIRP value. To determinate the equivalent EIRP
value, the formula described in “Guidance for Performing Compliance Measurements on
Digital Transmission Systems (DTS) Operating Under Part 15.247” [3], chapter 10.2.2.1 is
used.
Table 1. Restricted bands defined in part 15.205
MHz
MHz
MHz
GHz
0.090 – 0.110
16.42 – 16.423
399.9 - 410
4.5 – 5.15
0.495 – 0.505
16.69475 – 16.69525
608 - 614
5.35 – 5.46
2.1735 – 2.1905
16.80425 – 16.80475
960 - 1240
7.25 – 7.75
4.125 – 4.128
25.5 – 25.67
1300 - 1427
8.025 – 8.5
4.17725 – 4.17775
37.5 – 38.25
1435 – 1626.5
9.0 – 9.2
4.20725 – 4.20775
73 – 74.6
1645.5 – 1646.5
9.3 – 9.5
6.215 – 6.218
74.8 – 75.2
1660 - 1710
10.6 – 12.7
6.26775 – 6.26825
108 – 121.94
1718.8 – 1722.2
13.25 – 13.4
6.31175 – 6.31225
123 - 138
2200 - 2300
14.47 – 14.5
8.291 – 8.294
149.9 – 150.05
2310 - 2390
15.35 – 16.2
8.362 – 8.366
156.52475 – 156.52525
2483.5 - 2500
17.7 – 21.4
8.37625 – 8.38675
156.7 – 156.9
2690 - 2900
22.01 – 23.12
8.41425 – 8.41475
162.0125 – 167.17
3260 - 3267
23.6 – 24.0
12.29 – 12.293
167.72 – 173.2
3332 - 3339
31.2 – 31.8
12.51975 – 12.52025
240 - 285
3345.8 - 3358
36.43 – 36.5
12.57675 – 12.57725
322 – 335.4
3600 - 4400
Above 38.6
13.36 – 13.41
Table 2. Radiated and conducted emission limits defined in part 15.209
Frequency
(MHz)
Field strength
(µV/m)
Measurement
distance (m)
Conducted
(dBm)
0.009 – 0.490
2400/f [kHz]
300
12.4-20*log(f)kHz
0.490 – 1.705
24000/f [kHz]
30
12.4-20*log(f)kHz
1.705 – 30.0
30
30
-46
30 - 88
100
3
-56
88 - 216
150
3
-52
216 - 960
200
3
-49
960
500
3
-41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com