Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN628 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 10Page - STMicroelectronics AN628 Datasheet HTML 11Page - STMicroelectronics AN628 Datasheet HTML 12Page - STMicroelectronics AN628 Datasheet HTML 13Page - STMicroelectronics AN628 Datasheet HTML 14Page - STMicroelectronics AN628 Datasheet HTML 15Page - STMicroelectronics AN628 Datasheet HTML 16Page - STMicroelectronics AN628 Datasheet HTML 17Page - STMicroelectronics AN628 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
AN628 APPLICATION NOTE
14/35
The voltage open loop gain contains two poles in the origin, then stability problem can arise. Connecting the
resistor (Rr) in parallel to the capacitor Cr to shift the E/A pole from the origin to 1/(Rr · Cr), the stability is en-
sured.
The crossover frequency fc can be calculated by Gpw · Gea` = 1 and therefore:
To allow the highest DC gain maintaining a phase margin of at least 22°, the Rr maximum value is imposed as:
The output filter capacitor value (CO) is related to the output voltage filtering (see Power section design).
Pin 14. VFEED (Error amplifier input). This pin (see fig. 16), connected to the boosted output voltage through a
divider, allows the output D.C. voltage regulation. Neglecting the contribution of the E/A feedback resistor (Rr),
the 5.1V reference and the output DC voltage (VO) define the ratio between R1 and R2:
To be considered that the R1, togheter with the feedback network(see pin 13 description) define the E/A gain.
The R1/Rr ratio affects the load regulation (lower output current increases the output voltage) with the following
relation:
where: VOmax is the maximum output voltage variation due to the E/A gain reduction and load variation.
The R1 and R2 will be chosen in the high precision class:
Pin 15. P-UVLO (Programmable supply undervoltage threshold). An internal divider (between pin 19, pin 15 and
ground) and an internal comparator with a threshold voltage of 1.28V fixes the default turn-on and turn-off 15.5V
and 10V levels of the supply section (see fig. 17). Using an external divider (RH and RL) it's possible to change
the supply thresholds: RH fixes the hysteresis, RL fixes the turn-on threshold. To design a divider for a given
supply threshold, is useful know (see fig. 17), the typical resistor value, useful to design the external divider, are:
R1 = 394k, R2 = 88k and R3 = 58k. Anyway, in fig. 17a/b a diagram with threshold values and a table, useful
for a fast choice of RH and RL are shown.
For DISABLE function see Appendix B.
G
pw
P
O
X
CO
⋅
V
O
V
ea
∆
⋅
--------------------------
G
pw
⇒
P
O
V
O
V
ea
∆
⋅
--------------------------
1
sC
O
⋅
---------------
⋅
==
f
c
P
O
V
O
V
ea
∆
2
π C
O
⋅⋅
⋅
--------------------------------------------------



1
2
π R1 C
r
⋅⋅
------------------------------


⋅
=
R
r
2.75
2
π f
c
C
r
⋅⋅
--------------------------
≤
R1
R2
--------
V
O
5.1V
------------
1
–
=
V
Omax
∆
V
ea
∆
R1
⋅
R
r
--------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com