Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN628 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 27Page - STMicroelectronics AN628 Datasheet HTML 28Page - STMicroelectronics AN628 Datasheet HTML 29Page - STMicroelectronics AN628 Datasheet HTML 30Page - STMicroelectronics AN628 Datasheet HTML 31Page - STMicroelectronics AN628 Datasheet HTML 32Page - STMicroelectronics AN628 Datasheet HTML 33Page - STMicroelectronics AN628 Datasheet HTML 34Page - STMicroelectronics AN628 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
AN628 APPLICATION NOTE
34/35
APPENDIX B
Disable
Sometimes it is useful to disable the controller. For example, in a complete system in which a PWM regulator
follows the PFC stage, at low output power it is advantageous to shutdown the PFC section to improve the over-
all system efficiency (stand-by / sleep mode). Likewise most of controllers, one way to do this (using L4981A/
B), is pulling down either the Soft-Start or the E/A output pin . In addition the L4981A/B can be disabled ground-
ing the P-UVLO (pin 15) see fig 33.The P-UVLO function has been designed to program the supply thresholds
by means of an external divider (see application note for details) but it can be effectively used for this purpose
forcing a voltage below the internal reference (1.28V).Besides turning off the driver output stage this method
puts the controller in "before start-up" condition and gives the advantage of minimizing the supply consumption
of the IC.
Figure 33.
+
-
UVLO
1.28V
19
P-UVLO
RH
15
RL
10
D95IN281B
R2
R3
R1
I
≥ 1mA
DISABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com