Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1132 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1132
Description  90W SMPS FOR MONITORS WITH STANDBY FUNCTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1132 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1132 Datasheet HTML 3Page - STMicroelectronics AN1132 Datasheet HTML 4Page - STMicroelectronics AN1132 Datasheet HTML 5Page - STMicroelectronics AN1132 Datasheet HTML 6Page - STMicroelectronics AN1132 Datasheet HTML 7Page - STMicroelectronics AN1132 Datasheet HTML 8Page - STMicroelectronics AN1132 Datasheet HTML 9Page - STMicroelectronics AN1132 Datasheet HTML 10Page - STMicroelectronics AN1132 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Table 7. Standby function: transition thresholds in terms of input power
VAC [V]
88
110
160
220
264
PinSB [W]
10
11
12.5
14
15
PinNW [W]
37
38
39
41
42
Note: there is no risk of premature current limitation or transformer saturation when the system operates at fSB up to
60W input power. To reduce PinNW, increase fosc or reduce fSB.
Figure 4. Drain voltage at full load (left: Vin = 100 VDC, right: Vin = 300 VDC)
Figure 5. Drain voltage in OFF mode (left: Vin = 100 VDC, right: Vin = 300 VDC)
Figure 6. Load transient (0-0.3A) on 200V output
Left
-1: 200V output
-A1: L5991 pin 16 (St-by)
Right
-1: L5991 E/A out (pin 6)
-A1: L5991 pin 16 (St-by)
AN1132 APPLICATION NOTE
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com