Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1132 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1132
Description  90W SMPS FOR MONITORS WITH STANDBY FUNCTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1132 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1132 Datasheet HTML 1Page - STMicroelectronics AN1132 Datasheet HTML 2Page - STMicroelectronics AN1132 Datasheet HTML 3Page - STMicroelectronics AN1132 Datasheet HTML 4Page - STMicroelectronics AN1132 Datasheet HTML 5Page - STMicroelectronics AN1132 Datasheet HTML 6Page - STMicroelectronics AN1132 Datasheet HTML 7Page - STMicroelectronics AN1132 Datasheet HTML 8Page - STMicroelectronics AN1132 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Application Board Functionality
The outstanding feature of this application board is the so-called Standby Function, directly available
from the L5991. When the power demanded by the load is roughly included between 40 and 90 W (Nor-
mal mode) the switching frequency of the converter is set at 40 kHz. When the monitor enters in low-
consumption mode (Suspend or OFF mode), the power demanded by the load will be much lower, few
Watts. The L5991 will automatically recognise this new operating condition and change the oscillator fre-
quency to 18 kHz. The capacitor C6, along with the parallel of R19 and R20, sets fosc ; fSB is set by C6
and R20.
If the user would like to fine tune the power level that causes the switching frequency to be moved from
fosc to fSB (PinSB), he or she can add a fixed DC offset (typically in the range 0-200 mV) on the current
sense pin (13, ISEN). This can be accomplished by means of R17, currently not used. The offset will be
the partition of the reference voltage (pin 4, VREF) through R17 and R13.
To change the power level that causes the switching frequency to be moved from fSB to fosc (PinNW), the
ratio fosc / fSB should be changed.
R10 and R11 allow to provide an additional DC offset on the current sense which depends on the supply
input voltage. This can be used for compensating L5991’s delay to output. In the present case the delay
is not compensated (R10 and R11 are not assembled) and the effect is a slight dependence of PinSB
and PinNW on the mains voltage (see table 7). This is reinforced by the slope compensation circuit (Q3
and R33), which adds a little offset (variable with the duty cycle) on the current sense pin.
Additionally, the board includes some protection functions tipically required, not only in monitor applica-
tions, such as overvoltage (OVP) and overcurrent protection (OCP).
OCP is inherent in the functionality of the L5991: the controller provides both pulse-by-pulse and "hic-
cup" mode current limitation (see Application Information in the datasheet), which fully protect the con-
verter in case of overload or short circuit.
The OVP, in this specific case, is realised by sensing the supply voltage of the L5991 (generated by the
auxiliary winding) through the divider R7-R8 and feeding this partition into pin 14 (DIS). The divider ratio
is such that the OVP is tripped when the supply voltage exceeds 20V. This protection is particularly ef-
fective in case of feedback disconnection.
At maximum load and minimum mains voltage the converter operates at about 55% duty cycle (this is
why slope compensation is required) but no limitation is imposed on its maximum value: L5991’s pin3
(DC) is shorted to pin 4 (VREF). If desired, it is possible to set the maximum duty cycle by adding the di-
vider R34-R35. Please refer to Application Information in L5991 datasheet for calculation of the voltage
divider.
The application board is supplied with a start-up circuit simply made of a dropping resistor (R2+R3) that
draws current from upstream the bridge rectifier.
R05 33K
R04
2.2M
Q01
STK2N50
Q02
BC337
8
R06
10K
4
D04 1N4148
D02
20V
88 to 264
VAC
8
7
12
L5991
11
Figure 3. Low-consumption start-up circuit (not currently implemented)
AN1132 APPLICATION NOTE
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com