Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2335 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2335
Description  This document is intended to give application
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2335 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2335 Datasheet HTML 3Page - STMicroelectronics AN2335 Datasheet HTML 4Page - STMicroelectronics AN2335 Datasheet HTML 5Page - STMicroelectronics AN2335 Datasheet HTML 6Page - STMicroelectronics AN2335 Datasheet HTML 7Page - STMicroelectronics AN2335 Datasheet HTML 8Page - STMicroelectronics AN2335 Datasheet HTML 9Page - STMicroelectronics AN2335 Datasheet HTML 10Page - STMicroelectronics AN2335 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
AN2335
Electrical connection and board layout hints
7/40
2
Electrical connection and board layout hints
2.1
Electrical connection
The typical electrical connection of the LIS302DL is shown in Figure 2
Figure 2.
LIS302DL electrical connection
The LIS302DL is designed to operate with a voltage supply spanning from 2.16V up to 3.6V
while the serial interface can work down to 1.8V.
The device core is supplied through Vdd line (Vdd typ=2.5V) while the I/O pads are supplied
through Vdd_IO line. The typical current consumption in normal mode at 2.5V is 400
μA.
Both the voltage supplies must be present at the same time to have proper behavior of the
IC. It is possible to remove Vdd mantaining Vdd_IO without blocking the communication bus.
Adequate power supply decoupling is required to ensure IC performances. The optimum
decoupling is achieved by using two capacitors of different types that target different kinds of
noise on the power supply leads. To attenuate high frequency transients, spikes, or digital
hash on the line it is recommended the use of one 100nF ceramic or polyester capacitor
which must be placed as close as possible to device Vdd lead. For filtering lower-frequency
noise signals, a larger aluminum capacitor of 10
μF or greater should be placed near the
device in parallel to the former capacitor. It is recommended to place these capacitors as
near as possible to the pin 6 of the device.
The functionality of the device and the measured acceleration data are selectable and
accessible through the I2C/SPI interface. When using the I2C, CS must be tied high while
SDO allows to select among two device addresses in case two sensors must be connected
on the same bus. Whenever one single sensor is present on the same I2C bus it is
recommended either to connect SDO to Vdd_IO or to leave it floating.
6
8
13
1
Top VIEW
10uF
Vdd
100nF
GND
Vdd_IO
Digital signal from/to signal controller.Signal’s levels are defined by proper selection of Vdd_IO
1
13
8
6
TOP VIEW
X
Z
Y
DIRECTION OF THE
DETECTABLE
ACCELERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com