Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2335 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2335
Description  This document is intended to give application
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2335 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2335 Datasheet HTML 29Page - STMicroelectronics AN2335 Datasheet HTML 30Page - STMicroelectronics AN2335 Datasheet HTML 31Page - STMicroelectronics AN2335 Datasheet HTML 32Page - STMicroelectronics AN2335 Datasheet HTML 33Page - STMicroelectronics AN2335 Datasheet HTML 34Page - STMicroelectronics AN2335 Datasheet HTML 35Page - STMicroelectronics AN2335 Datasheet HTML 36Page - STMicroelectronics AN2335 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
AN2335
Application Information
33/40
9.4
Interrupt generation description
The LIS302DL provide two fully-programmable interrupt sources which may be configured
to trigger different inertial events. Among them it is worth mentioning the recognition of Free-
Fall and Wake-Up events. Whenever an interrupt condition is verified the interrupt signal is
asserted and reading either the FF_WU_SRC_1 or FF_WU_SRC_2 registers it is possible
to understand which condition has occurred.
The block diagram of the interrupt block is given in the pictures below.
Figure 13.
Interrupt Generation Block Diagram
Figure 14.
Free-Fall, Wake-Up Interrupt Generator
FF or WU interrupt generation is selected for each interrupt generation channel through AOI
bit in the corresponding FF_WU_CFG register. If AOI bit is ‘0’ signals coming from
comparators are put in logical or. Depending on values written in FF_WU_CFG_1 and
FF_WU_CFG_2 registers every time the value of at least one of the enabled axes exceeds
the threshold written in module in the corresponding FF_WU_THS_1 and FF_WU_THS_2
registers a FF, WU interrupt is generated. Otherwise if AOI bit is ‘1’ signals coming from
comparators are going into a “NAND” port. In this case an interrupt signal is generated
whenever the acceleration signal of all the enabled axes is below the threshold written in
FF_WU_THS_1 or FF_WU_THS_2 registers.
Ph_Gen
Ctrl_reg1(DR,PD)
100/400Hz
ADC
0
1
0
1
0
1
HP filter
Output Reg
FF_WU2
FF_WU1
SRC1
SRC2
Serial
Interface
(SPI
& I2C)
CFG 1
CFG 2
Ctrl_reg2(FDS)
Ctrl_reg2(HP FF_WU1)
Ctrl_reg2(HP FF_WU2)
THS reg
|b|>a?
|b|>a?
|b|>a?
Accel_X
Accel_Y
Accel_Z
X_en
Y_en
Z_en
WU
FF
0
1
FF_WU_CFG(AOI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com