Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2690 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 3Page - STMicroelectronics AN2690 Datasheet HTML 4Page - STMicroelectronics AN2690 Datasheet HTML 5Page - STMicroelectronics AN2690 Datasheet HTML 6Page - STMicroelectronics AN2690 Datasheet HTML 7Page - STMicroelectronics AN2690 Datasheet HTML 8Page - STMicroelectronics AN2690 Datasheet HTML 9Page - STMicroelectronics AN2690 Datasheet HTML 10Page - STMicroelectronics AN2690 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
AN2690
Main characteristics and circuit description
7/31
Overvoltage protection
The pin #11 (ZCD) is connected to the auxiliary winding by a resistor divider. It implements
the OVP against feedback network failures. When the ZCD pin voltage exceeds 5 V the IC is
shut down. This protection can be set as latched or auto-restart by the user with no
additional components. On the board it is set as latched. Therefore the operations can be
resumed after a mains recycling.
Overtemperature protection
The thermistor R58, connected to the L6566A DIS pin (#8), provides for a thermal protection
of the flyback MOSFET (Q5). The L6563 PWM_LATCH pin (activated in case of PFC loop
failures or PFC inductor saturation) is connected to L6566A DIS pin. Hence in case of PFC
latching failures, the flyback converter activity is latched too. To maintain this state, an
internal circuitry of the L6566A monitors the Vcc and periodically reactivates the HV current
source to supply the IC, while the PFC remains inactive after latching because it is no longer
powered via the Vcc_PFC pin that has been opened by the internal L6566A logic.
Standby power saving and light-load frequency foldback function
The L6566A implements a current mode control, thus it monitors the output power by pin
COMP, which level is proportional to the load. Thus, when the voltage on pin COMP falls
below an internal threshold, the controller is disabled and its consumption reduced. Normal
operation restarts as soon as the COMP voltage rises again. In this way a low consumption
burst mode operation is obtained.
In this board, because the flyback stage acts as master, it has been electrically designed to
operate over the entire mains voltage range. This solution allows turning off the PFC
controller during no load operation, so saving power. As soon as the COMP level falls below
the burst mode threshold, the L6566A stops supplying the PFC controller, disabling the
Vcc_PFC pin. In this way the PFC consumption is reduced to almost zero and the
converter’s overall consumption is minimized.
The burst mode feature is dedicated to reduce the no-load consumption but another target
of this application is achieving a high converter efficiency even at light load (0.5 W-3 W),
when normally it is quite low. To improve the efficiency at this load condition a reduction of
the switching frequency is needed, in order to save AC and transition losses of the power
section. A simple circuit having a frequency foldback, connected to the L6566A oscillator
(pin #13 -OSC) is implemented on the board. This solution allows improving light-load
efficiency requiring just three external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com