Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2690 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 5Page - STMicroelectronics AN2690 Datasheet HTML 6Page - STMicroelectronics AN2690 Datasheet HTML 7Page - STMicroelectronics AN2690 Datasheet HTML 8Page - STMicroelectronics AN2690 Datasheet HTML 9Page - STMicroelectronics AN2690 Datasheet HTML 10Page - STMicroelectronics AN2690 Datasheet HTML 11Page - STMicroelectronics AN2690 Datasheet HTML 12Page - STMicroelectronics AN2690 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AN2690
Test results
9/31
2
Test results
Efficiency measurement
Figure 3 shows the overall efficiency vs. load, measured at different mains voltages. As
shown the efficiency at nominal load (75 W) is better than 86%. This value is significantly
high, especially if we compare this data with similar converters using two stages and the
downstream converter implements a flyback.
Figure 3.
EVL6566A-75WADP overall efficiency measurements vs. load
The diagram shows the efficiency is not monotonic because of the different contribution of
the switching losses: in fact being the circuit operating at fixed frequency and discontinuous
mode, the flyback MOSFET can turn on at any point between the peak and the valley of the
ringing due to the resonance between the magnetizing inductance and the drain
capacitance, depending by the input voltage and the output load. The phenomenon is visible
comparing the drain waveforms in Figure 6 and Figure 7. Because of a different turn-on
voltage provides different commutation losses, if we put in on a diagram the efficiency as a
function of the output load and input voltage we'll find that the efficiency has not a flat trend.
60%
65%
70%
75%
80%
85%
90%
0
10
2030
405060
7080
Pout [W]
230V 50Hz
115V 60Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com