Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2690 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2690 Datasheet HTML 1Page - STMicroelectronics AN2690 Datasheet HTML 2Page - STMicroelectronics AN2690 Datasheet HTML 3Page - STMicroelectronics AN2690 Datasheet HTML 4Page - STMicroelectronics AN2690 Datasheet HTML 5Page - STMicroelectronics AN2690 Datasheet HTML 6Page - STMicroelectronics AN2690 Datasheet HTML 7Page - STMicroelectronics AN2690 Datasheet HTML 8Page - STMicroelectronics AN2690 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
AN2690
Main characteristics and circuit description
5/31
chosen to obtain a compromise between the transformer size and the harmonics of the
switching frequency, optimizing the input filter size and the total solution cost. The MOSFET
is a 800 V rated, STP10NK80ZFP, housed in the TO-220FP package, needing just a small
heat sink. The transformer is layer type, using a standard ferrite size EER35. The
transformer, designed according to the EN60950, is manufactured by TDK. The flyback
reflected voltage is ~130 V, providing enough room for the leakage inductance voltage spike
with still margin for reliability of the MOSFET. The rectifier D8 and the Transil D4 clamp the
peak of the leakage inductance voltage spike at MOSFET turn-off.
The output rectifiers are two dual center tap Schottky diodes (D7 and D5) in parallel. They
have been selected according to the maximum reverse voltage, forward voltage drop and
power dissipation. The snubber made up of R14, R66 and C8 damps the oscillation
produced by the diode capacitance and the leakage inductance. A small LC filter has been
added on the output, filtering the high frequency ripple.
D17, R75-R78, Q10 and Q15 implement an output voltage "fast discharge" circuit
discharging quickly the output capacitors when the converter is turned off. It has been
implemented to quickly decrease the residual output voltage after the converter is turned off
at no load.
Startup sequence
The circuit is designed so that at startup the flyback starts first, then it turns on the PFC
stage controlling the L6563 via the Vcc_PFC pin. Therefore, the flyback stage is designed to
manage at startup the full output power over the entire input voltage range because it must
guarantee the regulation of the output voltage even during a load transition when the load is
increasing, but the PFC is still not yet delivering the nominal output voltage. Of course this
condition can be maintained only for short time, typically tens of milliseconds, because the
flyback is not designed to sustain this condition from a thermal point of view. The flyback
controller L6566A pin #1 (HV) is directly connected to the DC bulk voltage and at startup, an
internal high voltage current source charges C32 and C33 until the device turn-on voltage
threshold is reached, then the high voltage current source is automatically switched off. As
the IC starts switching it is initially supplied by the Vcc capacitor, the transformer auxiliary
winding (pins 8-9) provides the voltage to power the IC. Afterwards, according to the load
level, monitored by the COMP pin, the L6566A activates the L6563, powering it via the
Vcc_PFC pin.
Because the L6566A integrated HV startup circuit is turned off, it is not dissipative during
normal operation and contributes considerably in reducing power consumption when the
power supply operates at light load. This reduction is significant in meeting worldwide
standards currently required for standby power.
Brownout protection
Brownout protection prevents the circuit from working with abnormal mains levels. It can be
easily achieved using pin #16 (AC_OK). Q3, C23, R62 and R64 implement a circuit sensing
the rectified input voltage peak value and feed it into the pin #16. An internal comparator
then enables the IC operations if the mains level is correct, within the nominal limits. If the
input voltage is below 90 Vac the startup of the circuit is inhibited, while the turn-off voltage
has been set at the voltage reached by the bulk capacitor after the hold-up time. The internal
comparator has in fact a hysteresis allowing to set independently the L6566A turn-on and
turn-off voltage. Sensing the input voltage before the input rectifier allows faster restart
because there is no need to wait for the bulk capacitor discharge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com