Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2783 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2783 Datasheet HTML 3Page - STMicroelectronics AN2783 Datasheet HTML 4Page - STMicroelectronics AN2783 Datasheet HTML 5Page - STMicroelectronics AN2783 Datasheet HTML 6Page - STMicroelectronics AN2783 Datasheet HTML 7Page - STMicroelectronics AN2783 Datasheet HTML 8Page - STMicroelectronics AN2783 Datasheet HTML 9Page - STMicroelectronics AN2783 Datasheet HTML 10Page - STMicroelectronics AN2783 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
AN2783
Electrical specifications
7/47
2
Electrical specifications
Table 1.
Specifications
Parameter
10 W
20 W
VIN
30 V to 60 V at 10 W output
30 V to 60 V at 20 W output
Auxiliary VIN AUXI
18 V to 60 V
18 V to 60 V
Auxiliary VIN AUXII
12 V to 60 V
12 V to 60 V
VOUT
3.35 V +/- 100 mV at 3 A
3.35 V +/- 100 mV at 6 A
5.05 V +/- 100 mV at 2 A
5.05 V +/- 100 mV at 4 A
Peak-to-peak output
ripple
10 mVpp
20 mVpp
Efficiency DC-DC only
83% typ at 3.3 V 3 A
86% typ at 3.3 V 6 A
87% typ at 5 V 2 A
88% typ at 5 V 4 A
Overall efficiency
78% typ at 3.3 V 3 A
81% typ at 3.3 V 6 A
81% typ at 5 V 2 A
84% typ at 5 V 4 A
Switching frequency
250 kHz typ +/- 10%
250 kHz typ +/- 10%
Dynamic current step
1- 3 A max at 3.3 V
1- 6 A max at 3.3 V
1- 2 A max at 5 V
1- 4 A max at 5 V
Maximum overshoot
200 mV
400 mV
Maximum overshoot
time duration
200 ms
300 ms
Maximum undershoot
200 mV
400 mV
Maximum undershoot
time duration
200 ms
300 ms
Maximum DC test
current
3.5 A at 3.3 V
6.5 A at 3.3 V
2.5 A at 5 V
4.5 A at 5 V
Minimum DC test
current
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com