Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2783 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2783 Datasheet HTML 1Page - STMicroelectronics AN2783 Datasheet HTML 2Page - STMicroelectronics AN2783 Datasheet HTML 3Page - STMicroelectronics AN2783 Datasheet HTML 4Page - STMicroelectronics AN2783 Datasheet HTML 5Page - STMicroelectronics AN2783 Datasheet HTML 6Page - STMicroelectronics AN2783 Datasheet HTML 7Page - STMicroelectronics AN2783 Datasheet HTML 8Page - STMicroelectronics AN2783 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
List of figures
AN2783
4/47
List of figures
Figure 1.
PM8800 demonstration kit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Demonstration kit schematic. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Assembly view: top and bottom layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 4.
Top layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 5.
Inner layer 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 6.
Inner layer 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
Bottom layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 8.
Inrush current limit vs. RIRL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 9.
DC current limit vs. RDC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 10.
Output power vs. VAUXII . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 11.
5 V out - standard board with diode rectification. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 12.
5 V out - high-power board with synchronous rectification . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 13.
3.3 V out - standard board with diode rectification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 14.
3.3 V out - high-power board with synchronous rectification . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 15.
Startup of the PM8800 demonstration kit with 5 V 1 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 16.
Startup of the PM8800 demonstration kit with 5 V 4 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 17.
Details of the inrush phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 18.
Details of the soft-start phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 19.
VDS and VGS of the primary MOSFET for 5 V 1 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 20.
VDS and VGS of the primary MOSFET for 5 V 4 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 21.
Details of the synchronous rectifier MOSFET voltage with 48 V and 4 A out . . . . . . . . . . 32
Figure 22.
Output voltage ripple at 4 A output current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 23.
Output voltage ripple at 4 A output current (1 sec persistence) . . . . . . . . . . . . . . . . . . . . . 33
Figure 24.
Dynamic load 1 A to 4 A: output voltage (up) and output current (down) . . . . . . . . . . . . . 33
Figure 25.
PM8800A response to a 6 A overload condition. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 26.
PM8800A recovering from a 6 A overload condition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 27.
PM8800A response to a short on the load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 28.
PM8800A recovering from a short on the load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 29.
Internal short on the secondary winding . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 30.
Switch between 48 V PoE and 24 V AUXII with 5 V at 2 A . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 31.
back to 48 V removing the 24 V AUXII voltage with 5 V at 2 A . . . . . . . . . . . . . . . . . . . . . 35
Figure 32.
Switch between 48 V PoE and 12 V AUXII with 5 V at 2 A . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 33.
Back to 48 V removing the 12 V AUXII voltage with 5 V at 2 A . . . . . . . . . . . . . . . . . . . . . 36
Figure 34.
Startup of the PM8800 demonstration kit with 3.3 V, 1 A . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 35.
Startup of the PM8800 demonstration kit with 3.3 V, 3 A . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 36.
Details of the inrush phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 37.
Details of the soft-start phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 38.
VDS and VGS of the primary MOSFET for 3.3 V 1 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 39.
VDS and VGS of the primary MOSFET for 3.3 V 3 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 40.
Details of the synchronous rectifier MOSFET voltage with 48 V and 3 A output current . . 38
Figure 41.
Output voltage ripple at 3 A output current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 42.
Output voltage ripple at 3 A output current (1 sec persistence) . . . . . . . . . . . . . . . . . . . . . 38
Figure 43.
Dynamic load 1 to 3 A: output voltage (up) and output current (down) . . . . . . . . . . . . . . . 39
Figure 44.
PM8800A response to a 5 A overload condition. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 45.
PM8800A recovering from a 5 A overload condition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 46.
PM8800A response to a short on the load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 47.
PM8800A recovering from a short on the load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 48.
Internal short on the secondary winding . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com