Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2783 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2783 Datasheet HTML 1Page - STMicroelectronics AN2783 Datasheet HTML 2Page - STMicroelectronics AN2783 Datasheet HTML 3Page - STMicroelectronics AN2783 Datasheet HTML 4Page - STMicroelectronics AN2783 Datasheet HTML 5Page - STMicroelectronics AN2783 Datasheet HTML 6Page - STMicroelectronics AN2783 Datasheet HTML 7Page - STMicroelectronics AN2783 Datasheet HTML 8Page - STMicroelectronics AN2783 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
AN2783
Contents
3/47
10.4
Rectifier diode dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
10.5
PM8800 internal power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
11
Layout guidelines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
12
Test results . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
12.1
Efficiency measurements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
12.2
5 V high-power board measurements . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
12.3
3.3 V standard-power board measurements . . . . . . . . . . . . . . . . . . . . . . 36
12.4
IEEE 802.3af compatibility test . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Appendix A
Schematic of high-power board . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Appendix B
Schematic of standard-power board . . . . . . . . . . . . . . . . . . . . . . . . 45
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com