Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0460 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0460
Description  Set-top box front panel evaluation board based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0460 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0460 Datasheet HTML 3Page - STMicroelectronics UM0460 Datasheet HTML 4Page - STMicroelectronics UM0460 Datasheet HTML 5Page - STMicroelectronics UM0460 Datasheet HTML 6Page - STMicroelectronics UM0460 Datasheet HTML 7Page - STMicroelectronics UM0460 Datasheet HTML 8Page - STMicroelectronics UM0460 Datasheet HTML 9Page - STMicroelectronics UM0460 Datasheet HTML 10Page - STMicroelectronics UM0460 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
UM0460
Getting started
7/23
The default display sequence is repeated as long as any key on the front panel is not
pressed.
Note:
The system is said to be stable after power-up if the default display sequence is executed at
least once. As long the system is not stabilized, i.e. Default display sequence is not
displayed at least once, the user should not perform any operation.
1.5
Default setting of the system
The system is programmed with following default settings:
1.
Brightness of LED display is set to the maximum level i.e. 14/16.
2.
Channel number is set to be the lowest value i.e. channel number 000.
1.6
Default display sequence
A default display sequence has been predefined in the system. Whenever the system is not
performing any operation, the system enters the default display sequence which is
explained below:
1.
Firstly "St LED" appears on the LED display (see Figure 4).
Figure 4.
Power-on condition, "St LED" displayed on LED segments
2.
After approximately 4-5 seconds "316S" appears on the LED display (see Figure 5).
Figure 5.
Power-on condition, "316S" displayed on LED segments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com