Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0460 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0460
Description  Set-top box front panel evaluation board based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0460 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0460 Datasheet HTML 5Page - STMicroelectronics UM0460 Datasheet HTML 6Page - STMicroelectronics UM0460 Datasheet HTML 7Page - STMicroelectronics UM0460 Datasheet HTML 8Page - STMicroelectronics UM0460 Datasheet HTML 9Page - STMicroelectronics UM0460 Datasheet HTML 10Page - STMicroelectronics UM0460 Datasheet HTML 11Page - STMicroelectronics UM0460 Datasheet HTML 12Page - STMicroelectronics UM0460 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
UM0460
System features
9/23
2
System features
The system has been developed to demonstrate the features of the STLED316S device and
its use in the front panel of set-top boxes. The main features of the system are explained in
this section.
2.1
Selection of channel numbers
The system has the capability to select and display the channel number of the system. The
channel number can be changed by using the CH_UP and CH_DOWN keys of the front
panel. The channel number can be selected using the 'OK' key of the front panel (see
Section 3.1, 3.2 and 3.7).
Note:
1
The information of the selected channel is saved even if the power of the system is OFF.
Whenever the system is powered up, the previous channel is selected.
2
The default channel number in the system is 000.
2.2
Selection of brightness of display
The system has the capability to change the brightness of the LED display of the board. The
brightness of the display can be varied and selected using two methods which are explained
in the following subsections.
2.2.1
Using front panel keys
The brightness of the LED display can be set at any one level by using the 'BRGHT+',
'BRGHT-' and 'OK' keys. At any time any of the 8 brightness level options 1/16, 2/16, 4/16,
10/16, 11/16, 12/16, 13/16, 14/16 can be selected by using these keys.
The brightness of the display can be varied by using the 'BRGHT+' or 'BRGHT-' key of the
front panel. The brightness level of the display can be selected by using the 'OK' key of the
front panel. (seeSection 3.3, 3.4 and 3.7).
2.2.2
Using the potentiometer
A resistance potentiometer (POT 10 k
Ω, R8) has been provided on the board to vary the
brightness of the LED display.
The brightness of the LED display can be decreased by rotating the knob of the
potentiometer clockwise.
The brightness of the LED display can be increased by rotating the knob of the
potentiometer counterclockwise.
Note:
By using the potentiometer the brightness of the display can be set at any level irrespective
of the specified brightness levels of the STLED316S.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com