Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0460 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0460
Description  Set-top box front panel evaluation board based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0460 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0460 Datasheet HTML 1Page - STMicroelectronics UM0460 Datasheet HTML 2Page - STMicroelectronics UM0460 Datasheet HTML 3Page - STMicroelectronics UM0460 Datasheet HTML 4Page - STMicroelectronics UM0460 Datasheet HTML 5Page - STMicroelectronics UM0460 Datasheet HTML 6Page - STMicroelectronics UM0460 Datasheet HTML 7Page - STMicroelectronics UM0460 Datasheet HTML 8Page - STMicroelectronics UM0460 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
UM0460
Getting started
5/23
1
Getting started
1.1
System requirements
The system operates in standalone mode by powering externally using a power supply
adaptor with a voltage range of 8 V - 19 V and current capability of at least 500 mA.
Note:
Do not run the demo for a long period at higher input voltage (>12 V) due to excessive
heating of the voltage regulator (U1). If required, attach a suitable heat sink.
1.2
Package content
The evaluation board package includes the following:
●
Hardware
–
One evaluation board
●
Documentation
–User manual
1.3
Hardware Installation
The evaluation board can be powered through an external power supply adaptor having two
outputs (8 V - 19 V and GND).
Figure 1.
Evaluation board (STEVAL-CBP003V1) - front view
The major components present on the board - front view are (see Figure 1):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com