Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2837 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2837
Description  Positive to negative buck-boost converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2837 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2837 Datasheet HTML 3Page - STMicroelectronics AN2837 Datasheet HTML 4Page - STMicroelectronics AN2837 Datasheet HTML 5Page - STMicroelectronics AN2837 Datasheet HTML 6Page - STMicroelectronics AN2837 Datasheet HTML 7Page - STMicroelectronics AN2837 Datasheet HTML 8Page - STMicroelectronics AN2837 Datasheet HTML 9Page - STMicroelectronics AN2837 Datasheet HTML 10Page - STMicroelectronics AN2837 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN2837
Design considerations
7/12
The following figures show how the application functions well in step-down mode 12 VIN -> -
5 VOUT (Figure 7) and in step-up mode 3.3 VIN -> -5 VOUT (Figure 8).
Figure 7.
Step-down mode, 12 VIN, - 5.5 VOUT, 500 mA IOUT
Switch Voltage, 5V/div
Inductor Current, 500mA/div
Switch Voltage, 5V/div
Inductor Current, 500mA/div
Figure 8.
Step-up mode, 3.3 VIN, - 5.5 VOUT, 500 mA IOUT
Switch Voltage, 5V/div
Inductor Current, 500mA/div
Switch Voltage, 5V/div
Inductor Current, 500mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com