Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2837 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2837
Description  Positive to negative buck-boost converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2837 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2837 Datasheet HTML 1Page - STMicroelectronics AN2837 Datasheet HTML 2Page - STMicroelectronics AN2837 Datasheet HTML 3Page - STMicroelectronics AN2837 Datasheet HTML 4Page - STMicroelectronics AN2837 Datasheet HTML 5Page - STMicroelectronics AN2837 Datasheet HTML 6Page - STMicroelectronics AN2837 Datasheet HTML 7Page - STMicroelectronics AN2837 Datasheet HTML 8Page - STMicroelectronics AN2837 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Principle of operation
AN2837
2/12
1
Principle of operation
The polarity-inverting converter uses the basic principle of energy storage in the inductor L
during the ON time of the operating period (Figure 2), and then transfers the energy via the
freewheeling diode D to the output during the OFF time (Figure 3).
When the switch turns ON, the diode is reverse-biased and current flows only in the
inductor.
When the switch is turned OFF, the reverses its polarity, thus the freewheeling diode is
forward-biased, and the energy stored in the inductance is transferred to the load as well as
the capacitor.
The output voltage across the capacitor becomes negative because the inductor current is
negative with respect to ground.
This circuit is also known as a buck-boost converter because this type of converter can step-
up and step-down the magnitude of the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com