Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2837 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2837
Description  Positive to negative buck-boost converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2837 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2837 Datasheet HTML 4Page - STMicroelectronics AN2837 Datasheet HTML 5Page - STMicroelectronics AN2837 Datasheet HTML 6Page - STMicroelectronics AN2837 Datasheet HTML 7Page - STMicroelectronics AN2837 Datasheet HTML 8Page - STMicroelectronics AN2837 Datasheet HTML 9Page - STMicroelectronics AN2837 Datasheet HTML 10Page - STMicroelectronics AN2837 Datasheet HTML 11Page - STMicroelectronics AN2837 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AN2837
PCB layout guidelines
9/12
Figure 10.
PCB layout - bottom side
Table 1.
Component list
Reference
Value
Description
Manufacturer
R1
10 k
Ω
Resistor
R2
52 k
Ω
Resistor
R3
100
Ω
Resistor
C1
4.7 µF
Ceramic X5R or X7R
C2
4.7 µF
Ceramic X5R or X7R
C3
22 µF
Ceramic X5R or X7R
C4
0.1 µF
Ceramic X5R or X7R
D1
2 A (0.3 V or less)
Schottky diode
STPS2L25
STMicroelectronics
L1
4.7 µH
DR734R7
Coiltronics
IC1
ST1S03
IC
STMicroelectronics
CN1
4 pins
Strip line male c.s.
CN2
4 pins
Strip line male c.s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com