Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2983 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2983
Description  Constant current inverse buck LED driver using L6562A
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2983 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2983 Datasheet HTML 5Page - STMicroelectronics AN2983 Datasheet HTML 6Page - STMicroelectronics AN2983 Datasheet HTML 7Page - STMicroelectronics AN2983 Datasheet HTML 8Page - STMicroelectronics AN2983 Datasheet HTML 9Page - STMicroelectronics AN2983 Datasheet HTML 10Page - STMicroelectronics AN2983 Datasheet HTML 11Page - STMicroelectronics AN2983 Datasheet HTML 12Page - STMicroelectronics AN2983 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AN2983
Circuit description
Doc ID 15679 Rev 1
9/32
The falling edge of the gate driver starts the toff delay (see Section 2.3 on page 9). At the
end of the toff delay the set input of the FF is activated and a new cycle begins.
Figure 7.
Simulated waveforms
2.3
FOT (fixed off time) delay circuit
Figure 8.
FOT net
The fixed off time delay circuit is implemented by connecting the gate drive (GD) output to
the ZCD input by means of a diode D5 in series with R11 and C7 (in parallel), and ZCD to
ground with R18 and C8 in parallel.
There is a clamp circuit behind the ZCD pin of the controller that limits the maximum voltage
to 5.7 V, and a comparator whose output goes high if the input voltage falls below the
threshold level of 0.7 V.
Hence when GD is high (10 V nominal), ZCD is forced to the clamp level of 5.7 V, but as
soon as the gate driver goes low, the diode D5 turns off and the capacitor C8 discharges
through R18 until the voltage reaches 0.7 V.
At this point the comparator switches on and triggers the set input of the flip-flop, whose
output goes high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com