Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2983 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2983
Description  Constant current inverse buck LED driver using L6562A
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2983 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2983 Datasheet HTML 1Page - STMicroelectronics AN2983 Datasheet HTML 2Page - STMicroelectronics AN2983 Datasheet HTML 3Page - STMicroelectronics AN2983 Datasheet HTML 4Page - STMicroelectronics AN2983 Datasheet HTML 5Page - STMicroelectronics AN2983 Datasheet HTML 6Page - STMicroelectronics AN2983 Datasheet HTML 7Page - STMicroelectronics AN2983 Datasheet HTML 8Page - STMicroelectronics AN2983 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AN2983
Main characteristics
Doc ID 15679 Rev 1
5/32
1.3
Interface
Ideally the module should have only two pins and behave as a constant current sink, but for
practical reasons, and in order to gain a higher degree of flexibility, its connector has the
following pinout.
●
D_Dimm is a digital (TTL) input for the module. A high level shuts off the circuit. A low
level enables the nominal load current and a square wave with variable duty cycle can
be used as a dimming control
●
C_Set is an analog input (0...12 V). A voltage applied to this pin is used to set the load
current to the required value
●
Gnd pins 3 and 4 are the ground return for the controller’s power supply (Vcc). D_Dimm
and C_set are referred to this ground
●
Vcc is the connection to the controller’s power supply input
●
Vin_Gnd is the main power supply return, internally connected to the Gnd pins
●
Vin is the main power supply input (48 V)
●
LEDs_A is the connection to the anode of the diode string
●
LEDs_K is the connection to the cathode of the diode string
Table 1.
EVL6562A-LED interface
Pin number
Signal name
Connection
Notes
1
D_Dimm
Shutdown / digital dimming
Digital input
2
C_Set
Load current setting
0.. 12 V input
3
Gnd
Auxiliary power (Gnd)
4
Gnd
Auxiliary power (Gnd)
5
Vcc
Auxiliary power (Vcc)
(18 V) input/output
6n.c.
7
Vin_Gnd
Main power (Gnd)
8
Vin
Main power (Vin)
(48 V nom.) input
9
LEDs_A
LEDs anode Interconnection
Output
10
LEDs_K
LEDs cathode interconnection
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com