Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2983 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2983
Description  Constant current inverse buck LED driver using L6562A
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2983 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2983 Datasheet HTML 1Page - STMicroelectronics AN2983 Datasheet HTML 2Page - STMicroelectronics AN2983 Datasheet HTML 3Page - STMicroelectronics AN2983 Datasheet HTML 4Page - STMicroelectronics AN2983 Datasheet HTML 5Page - STMicroelectronics AN2983 Datasheet HTML 6Page - STMicroelectronics AN2983 Datasheet HTML 7Page - STMicroelectronics AN2983 Datasheet HTML 8Page - STMicroelectronics AN2983 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Main characteristics
AN2983
4/32
Doc ID 15679 Rev 1
1
Main characteristics
1.1
System configuration
Figure 2 shows a possible system configuration, in which the key modules are:
●
the main power supply, which converts the AC input voltage to an internal power bus.
●
the CC drivers, which are the modules that implement the constant current sources.
●
the controller that configures the CC current drivers through a dedicated bus.
●
the LEDs strings.
The CC drivers are the modules considered in this application note and implemented in the
EVL6562A-LED demonstration board.
Figure 2.
System configuration
1.2
Requirements
The board’s design takes into account the following key points.
●
Input voltage: 48 V (+/- 20%)
●
Output current (average): 0.35 A
●
Output ripple current < 140 mA (+/- 20%)
●
Output current setting/calibration
●
Digital dimming
●
Open-/short-circuit protection
●
Absence of electrolytic capacitors
The design can be easily changed to adapt to different needs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com