Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3011 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 3Page - STMicroelectronics AN3011 Datasheet HTML 4Page - STMicroelectronics AN3011 Datasheet HTML 5Page - STMicroelectronics AN3011 Datasheet HTML 6Page - STMicroelectronics AN3011 Datasheet HTML 7Page - STMicroelectronics AN3011 Datasheet HTML 8Page - STMicroelectronics AN3011 Datasheet HTML 9Page - STMicroelectronics AN3011 Datasheet HTML 10Page - STMicroelectronics AN3011 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AN3011
Board descriptions
Doc ID 16043 Rev 1
7/37
Table 2.
BOM
Part
reference
Description
Part name
Manufacturer
BR1
Bridge diodes
DF06M
Fairchild/ Vishay
C1,C13
100 nF X2 capacitor
C3
33 µF 450 V electrolytic cap.
C4
22 µF 35 V electrolytic cap.
C5
N.M
C6
1.8 nF ceramic cap
C7
15 nF
C8
2.2 nF Y1 capacitor
C9, C14
ZL 1000 µF 16 V electrolytic cap.
RUBYCON
C10
YXF 47 µF 25 V electrolytic cap.
YXF 47 µF 25 V
RUBYCON
C11
22 nF ceramic cap
22 nF
C12
10 nF ceramic cap
10 nF
D1
100 V small signal Schottky diode
BAT46
STMicroelectronics
D2
100 V small signal fast diode
1N4148
D3
600 V 1 A ultra-fast diode
STTH1L06
STMicroelectronics
D4
Power Schottky diode
STPS745
STMicroelectronics
D5
250 V Transil
1.5KE250
STMicroelectronics
D6
18 V Zener
F1
1 A Fuse
HS1
Heat sink
J7
Selector
L1
3.3 µH 3 A inductor
NTC1
15
Ω
EPCOS
OPTO1
Opto-coupler
PC817
SHARP
R1
3.3
Ω resistor
R3
33 k
Ω 1% precision resistor
R6
1 2k
Ω 1% precision resistor
R8
120 k
Ω 1% precision resistor
R9
39 k
Ω 1% precision resistor
R10
270 k
Ω
R12
47 k
Ω
R13
1.5 k
Ω
R14
180 k
Ω 1% precision resistor
R15
3.3 Meg 1% precision resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com