Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3011 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3011 Datasheet HTML 1Page - STMicroelectronics AN3011 Datasheet HTML 2Page - STMicroelectronics AN3011 Datasheet HTML 3Page - STMicroelectronics AN3011 Datasheet HTML 4Page - STMicroelectronics AN3011 Datasheet HTML 5Page - STMicroelectronics AN3011 Datasheet HTML 6Page - STMicroelectronics AN3011 Datasheet HTML 7Page - STMicroelectronics AN3011 Datasheet HTML 8Page - STMicroelectronics AN3011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
AN3011
List of tables
Doc ID 16043 Rev 1
3/37
List of tables
Table 1.
Electrical specifications. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Table 2.
BOM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 3.
Transformer characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 4.
Output voltage and VDD line-load regulation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 5.
Efficiency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 6.
Active-mode efficiency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 7.
Line voltage average efficiency vs load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 8.
Energy efficiency criteria for standard models . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 9.
Energy efficiency criteria for low voltage models . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 10.
No-load input power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 11.
Energy consumption criteria for no-load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 12.
Low-load performance. POUT = 30 mW (brown-out disabled) . . . . . . . . . . . . . . . . . . . . . . 19
Table 13.
Low-load performance. POUT = 30 mW (brown-out enabled) . . . . . . . . . . . . . . . . . . . . . . . 19
Table 14.
Low-load performance. POUT = 50 mW (brown-out disabled) . . . . . . . . . . . . . . . . . . . . . . 19
Table 15.
Low-load performance. POUT = 50 mW (brown-out enabled) . . . . . . . . . . . . . . . . . . . . . . . 20
Table 16.
Low-load performance. POUT = 100 mW (brown-out disabled) . . . . . . . . . . . . . . . . . . . . . 20
Table 17.
Low-load performance. POUT = 100 mW (brown-out enabled) . . . . . . . . . . . . . . . . . . . . . . 20
Table 18.
Low-load performance. POUT = 200 mW (brown-out disabled) . . . . . . . . . . . . . . . . . . . . . 21
Table 19.
Output power when the input power is 1 W (BR disabled) . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 20.
Output power when the input power is 1 W (BR enabled) . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 21.
Overvoltage protection activation level test results. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 22.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com