Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3011 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3011 Datasheet HTML 1Page - STMicroelectronics AN3011 Datasheet HTML 2Page - STMicroelectronics AN3011 Datasheet HTML 3Page - STMicroelectronics AN3011 Datasheet HTML 4Page - STMicroelectronics AN3011 Datasheet HTML 5Page - STMicroelectronics AN3011 Datasheet HTML 6Page - STMicroelectronics AN3011 Datasheet HTML 7Page - STMicroelectronics AN3011 Datasheet HTML 8Page - STMicroelectronics AN3011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
AN3011
Board descriptions
Doc ID 16043 Rev 1
5/37
1
Board descriptions
1.1
Electrical specifications
The electrical specifications of the demonstration board are listed in Table 1.
1.2
Schematic and bill of materials
The schematic of the board is shown in Figure 2, and the bill of materials is shown in
Table 2.
Table 1.
Electrical specifications
Parameter
Symbol
Value
Input voltage range
VIN
[90 VRMS; 265 VRMS]
Nameplate output voltage
VOUTn
5 V
Max output current
IOUT
2.2 A
Precision of output regulation
±5 %
High frequency output voltage ripple
ΔVOUT_HF
50 mV
Max ambient operating temperature
TA
60 °C
OUTn
OUTn
OUT
V
V
V
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com