Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3112 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 21Page - STMicroelectronics AN3112 Datasheet HTML 22Page - STMicroelectronics AN3112 Datasheet HTML 23Page - STMicroelectronics AN3112 Datasheet HTML 24Page - STMicroelectronics AN3112 Datasheet HTML 25Page - STMicroelectronics AN3112 Datasheet HTML 26Page - STMicroelectronics AN3112 Datasheet HTML 27Page - STMicroelectronics AN3112 Datasheet HTML 28Page - STMicroelectronics AN3112 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
AN3112
Designing a fixed-off-time PFC
Doc ID 16820 Rev 3
25/36
In this way, in the case of a sudden line voltage rise, CFF is rapidly charged through the low
impedance of the internal diode; in case of line voltage drop, an internal mains drop detector
enables a low impedance switch which suddenly discharges CFF, avoiding long settling time
before reaching the new voltage level. Consequently an acceptably low steady-state ripple
and low current distortion can be achieved without any considerable undershoot or
overshoot on the pre-regulator's output, like in systems with no feed-forward compensation
This pin is internally connected to a comparator in order to provide the brownout (AC mains
undervoltage) protection. A voltage below 0.8 V shuts down (not latched) the IC and brings
its consumption to a considerably lower level. The IC restarts when the voltage at the pin
rises above 0.88 V. These details must be taken into account during the MULT divider
selection.
The suggested procedure to properly set the operating point of the multiplier is now
described. First, the maximum peak value for VMULT, VMULTmax is selected. This value,
which occurs at maximum mains voltage, should be 3 V or thereabouts in wide range mains
and less in single mains. The sense resistor selected is Rs = 0.12
Ω and it is described in
the pin 4 section. According to the L6564 datasheet and to the linearity setting of the pin, the
maximum voltage on the multiplier input is:
From
(16) the maximum required divider ratio is calculated as:
Equation 49
Supposing a 60 µA current flowing into the multiplier divider the lower resistor value can be
calculated:
Equation 50
A commercial value of 51 k
Ω for the lower resistor is selected. The upper resistor value can
now be calculated:
Equation 51
In this example a RmultH = 6.9 M
Ω and a RmultL = 51 kΩ can be selected. For RmultH a
resistor with a suitable voltage rating (>400 V) is needed, or more resistors in series must be
used.
The voltage on the multiplier pin with the selected component values re-calculated at
minimum line voltage is 0.93 V and at maximum line voltage is 2.74 V. So the multiplier
works correctly within its linear region.
(16)
V
3
VMULTmax =
3
max
max
MULT
p
10
8
Vac
265
2
V
00
.
3
VAC
2
V
k
=
=
=
=
µ
=
µ
=
k
50
A
60
V
00
.
3
A
60
V
R
max
MULT
multL
=
=
=
M
319
.
6
k
51
10
8
10
8
1
R
k
k
1
R
3
3
multL
p
p
multH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com