| Electronic Components Datasheet Search |
|
AN3112 Datasheet(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3112 Datasheet(HTML) 5 Page - STMicroelectronics |
|
5 / 36 page ![]() AN3112 Operation of an FOT- controlled PFC pre-regulator Doc ID 16820 Rev 3 5/36 2 Operation of an FOT- controlled PFC pre-regulator In Figure 5 a block diagram of an FOT-controlled PFC pre-regulator is shown. An error amplifier (VA) compares a portion of the pre-regulator's output voltage Vout with a reference Vref and generates an error signal VC proportional to their difference. VC, a DC voltage by hypothesis, is fed into an input of the multiplier block and multiplied by a portion of the rectified input voltage VMULT. At the output of the multiplier, there is a rectified sinusoid, VCSREF, whose amplitude is proportional to that of VMULT and to VC, which represents the sinusoidal reference for PWM modulation. VCSREF is fed into the inverting input of a comparator that, on the non-inverting input, receives the voltage VCS on the sense resistor Rsense, proportional to the current flowing through the M switch (typically a MOSFET) and the L inductor during the on-time of M. When the two voltages are equal, the comparator resets the PWM latch, and M, supposedly already on, is switched off. Figure 5. Block diagram of an FOT-controlled PFC pre-regulator As a result, VCSREF determines the peak current through M and the L inductor. As VCSREF is a rectified sinusoid, the inductor peak current is also enveloped by a rectified sinusoid. The line current Iin is the average inductor current that is the low-frequency component of the inductor current resulting from the low-pass filtering operated by the EMI filter. The PWM latch output Q going high activates the timer that, after a predetermined time in which TOFF has elapsed, sets the PWM latch, therefore turning M on and starting another switching cycle. If TOFF is such that the inductor current does not fall to zero, the system operates in CCM. It is apparent that FOT control requires nearly the same architecture as TM control, the only change is the way the off-time of M is determined. It is not a difficult task to modify externally the operation of the standard TM PFC controller so that the off-time of M is fixed. For the controller, we refer to the L6564 [ 4]. For a more detailed and complex description of the fixed off-time technique and in particular the line modulated FOT, please refer to [ 5]. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |