Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3112 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 22Page - STMicroelectronics AN3112 Datasheet HTML 23Page - STMicroelectronics AN3112 Datasheet HTML 24Page - STMicroelectronics AN3112 Datasheet HTML 25Page - STMicroelectronics AN3112 Datasheet HTML 26Page - STMicroelectronics AN3112 Datasheet HTML 27Page - STMicroelectronics AN3112 Datasheet HTML 28Page - STMicroelectronics AN3112 Datasheet HTML 29Page - STMicroelectronics AN3112 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Designing a fixed-off-time PFC
AN3112
26/36
Doc ID 16820 Rev 3
Because the MULT divider also determines the mains input voltage at which the PFC starts
and stops (brownout function), these values are calculated using the actual divider ratio:
Equation 52
And also the stop voltage:
Equation 53
Start and stop PFC mains voltage are compatible with the input mains voltage range
(1).
In order to obtain the required startup and shutdown voltage, a reiteration may be required,
by selecting MULT resistors and checking the actual PFC start and stop mains voltage.
Pin 7 (ZCD): This is the input of the zero current detector circuit. In FOT mode, it is
connected to the line-modulated fixed-off-time circuit seen in
Figure 6. Taking into account
the information in
Section 3: Implementing the line-modulated fixed-off-time, the starting
point for the design of that circuit is the pair of the desired values for TOFF on the top of the
line voltage sinusoid at minimum (TOFF @VACmin) and maximum line (TOFF @VACmax)
obtained by setting the switching frequency on the peak of the sinusoid at low mains and
considering the minimum on-time of the L6564:
Equation 54
Equation 55
Where Fswmin is the switching frequency on top of the sinusoid of the input voltage at
VACmin = 90 Vac (
Figure 16) and 220 ns is a corrector factor in order to consider the delay
between the ZCD and GD signal.
Considering the ratio between
Equation 55, Equation 54, we have:
Equation 56
In the formula,
Equation 55 and Equation 54, the delay between the ZCD signal and the
gate drive signal is taken into account in order to increase the accuracy of the mathematical
model.
multL
multL
multH
START
R
R
R
2
V
88
.
0
V
+
==
V
8
.
84
k
51
k
51
M
9
.
6
2
V
88
.
0
V
START
=
+
=
multL
multL
multH
STOP
R
R
R
2
V
80
.
0
V
+
==
V
1
.
77
k
51
k
51
M
9
.
6
2
V
80
.
0
V
STOP
=
+
=
min
sw
min
min
OFF
f
k
)
VAC
(
T
=
s
76
.
3
ns
220
kHz
80
32
.
0
)
VAC
(
T
min
OFF
µ
=
=
max
max
min
ON
max
OFF
k
1
k
T
)
VAC
(
T
=
s
1
.
6
ns
220
94
.
0
1
94
.
0
ns
450
)
VAC
(
T
max
OFF
µ
=
=
)
VAC
(
T
)
VAC
(
T
min
OFF
max
OFF
x =
ρ
63
.
1
s
76
.
3
s
1
.
6
x
=
µ
µ
=
ρ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com