Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4027 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 3Page - STMicroelectronics AN4027 Datasheet HTML 4Page - STMicroelectronics AN4027 Datasheet HTML 5Page - STMicroelectronics AN4027 Datasheet HTML 6Page - STMicroelectronics AN4027 Datasheet HTML 7Page - STMicroelectronics AN4027 Datasheet HTML 8Page - STMicroelectronics AN4027 Datasheet HTML 9Page - STMicroelectronics AN4027 Datasheet HTML 10Page - STMicroelectronics AN4027 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
DocID022604 Rev 3
7/41
AN4027
Main characteristics and circuit description
41
On the secondary side, the SRK2000A core function is to switch on each synchronous
rectifier MOSFET whenever the corresponding transformer half-winding starts conducting
(i.e. when the MOSFET body diode starts conducting) and then to switch it off when the
flowing current approaches zero. For this purpose, the IC is provided with two pins (DVS1
and DVS2) sensing the MOSFETs drain voltage level.
The SRK2000A automatically detects light load operation and enters sleep mode, disabling
MOSFET driving and decreasing its own consumption. This function allows great power
saving at light load with respect to benchmark SR solutions.
In order to decrease the output capacitors size, aluminium solid capacitors with very low
ESR were preferred to standard electrolytic ones. Therefore, high frequency output voltage
ripple is limited and an output LC filter is not required. This choice allows the saving of
output inductor power dissipation which can be significant in the case of high output current
applications such as this.
1.1
Standby power saving
The board has a burst mode function implemented that allows power saving during light
load operation.
The L6699 STBY pin (pin 5) senses the optocoupler’s collector voltage (U3), which is
related to the feedback control. This signal is compared to an internal reference (1.24 V). If
the voltage on the pin is lower than the reference, the IC enters an idle state and its
quiescent current is reduced. As the voltage exceeds the reference by 30 mV, the controller
restarts the switching. The burst mode operation load threshold can be programmed by
properly choosing the resistor connecting the optocoupler to pin RFMIN (R34). Basically,
R34 sets the switching frequency at which the controller enters burst mode. Since the power
at which the converter enters burst mode operation heavily influences converter efficiency at
light load, it must be properly set. However, despite this threshold being well set, if its
tolerance is too wide, the light load efficiency of mass production converters has
a considerable spread.
The main factors affecting the burst mode threshold tolerance are the control circuitry
tolerances and, even more influential, the tolerances of the resonant inductance and
resonant capacitor. Slight changes of resonance frequency can affect the switching
frequency and, consequently, notably change the burst mode threshold. Typical production
spread of these parameters, which fits the requirements of many applications, are no longer
acceptable if very low power consumption in standby must be guaranteed.
As reducing production tolerance of the resonant components causes a rise in cost, a new
cost-effective solution is necessary.
The key point of the proposed solution is to directly sense the output load to set the burst
mode threshold. In this way the resonant elements parameters no longer affect this
threshold. The implemented circuit block diagram is shown in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com