Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4027 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4027 Datasheet HTML 1Page - STMicroelectronics AN4027 Datasheet HTML 2Page - STMicroelectronics AN4027 Datasheet HTML 3Page - STMicroelectronics AN4027 Datasheet HTML 4Page - STMicroelectronics AN4027 Datasheet HTML 5Page - STMicroelectronics AN4027 Datasheet HTML 6Page - STMicroelectronics AN4027 Datasheet HTML 7Page - STMicroelectronics AN4027 Datasheet HTML 8Page - STMicroelectronics AN4027 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
DocID022604 Rev 3
5/41
AN4027
List of figures
41
List of figures
Figure 1.
EVL6699-150W-SR: 150 W SMPS demonstration board. . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Burst-mode circuit block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 4.
Graph of efficiency measurements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 5.
Light load efficiency diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 6.
Compliance to EN61000-3-2 at 230 Vac - 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 7.
Compliance to JEITA-MITI at 100 Vac - 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 8.
Mains voltage and current waveforms at 230 V - 50 Hz - full load . . . . . . . . . . . . . . . . . . . 17
Figure 9.
Mains voltage and current waveforms at 100 V - 50 Hz - full load . . . . . . . . . . . . . . . . . . . 17
Figure 10.
Resonant stage waveforms at 115 Vac - 60 Hz - full load. . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 11.
SRK2000A key signals at 115 Vac - 60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 12.
HB transition at full load - rising edge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 13.
HB transition at full load - falling edge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 14.
HB transition at 0.25 A - rising edge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 15.
HB transition at 0.25 A - falling edge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 16.
L6699 pin signals-1. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 17.
L6699 pin signals-2. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 18.
Startup at 90 Vac - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 19.
Startup at 265 Vac - no load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 20.
Startup at 115 Vac - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 21.
Startup at full load - detail . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 22.
Pout = 250 mW operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 23.
Pout = 250 mW operation - detail . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 24.
Transition full load to no load at 115 Vac - 60 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 25.
Transition no load to full load at 115 Vac - 60 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 26.
Short-circuit at full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 27.
Short-circuit at full load – detail. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 28.
Short-circuit - hiccup mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 29.
Thermal map at 115 Vac - 60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 30.
Thermal map at 230 Vac - 50 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 31.
CE average measurement at 115 Vac - 60 Hz and full load. . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 32.
CE average measurement at 230 Vac - 50 Hz and full load. . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 33.
PFC coil electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 34.
PFC coil mechanical aspect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 35.
Transformer electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 36.
Transformer overall drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com