Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4027 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 5Page - STMicroelectronics AN4027 Datasheet HTML 6Page - STMicroelectronics AN4027 Datasheet HTML 7Page - STMicroelectronics AN4027 Datasheet HTML 8Page - STMicroelectronics AN4027 Datasheet HTML 9Page - STMicroelectronics AN4027 Datasheet HTML 10Page - STMicroelectronics AN4027 Datasheet HTML 11Page - STMicroelectronics AN4027 Datasheet HTML 12Page - STMicroelectronics AN4027 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
DocID022604 Rev 3
9/41
AN4027
Main characteristics and circuit description
41
Equation 3
The value of the mounted resistor is 68 k
.
RH sets a small debouncing hysteresis and is in the range of mega ohms. Rlim is in the
range of tens of k
 and limits the current flowing through the optocoupler's diode. Both
L6699 and L6563H implement their own burst mode function but, in order to improve the
power supply overall efficiency, at light load the L6699 drives the L6563H via the
PFC_STOP pin and enables the PFC burst mode: as soon as the L6699 stops switching
due to load drops, its PFC_STOP pin pulls down the L6563H PFC_OK pin, disabling PFC
switching. Thanks to this simple circuit, the PFC is forced into idle state when the resonant
stage is not switching and rapidly wakes up when the downstream converter restarts
switching.
1.2
Startup sequence
The PFC acts as master and the resonant stage can operate only if the PFC output is
delivering the rated output voltage. Therefore, the PFC starts first and then the LLC
converter turns on. At the beginning, the L6563H is supplied by the integrated high-voltage
startup circuit; as soon as the PFC starts switching, a charge pump circuit connected to the
PFC inductor supplies both PFC and resonant controllers, therefore, the HV internal current
source is disabled. Once both stages have been activated, the controllers are supplied also
by the auxiliary winding of the resonant transformer, assuring correct supply voltage even
during standby operation. As the L6563H integrated HV startup circuit is turned off, it greatly
contributes to power consumption reduction when the power supply operates at light load.
1.3
L6563H brownout protection
Brownout protection prevents the circuit from working with abnormal mains levels. It is easily
achieved using the RUN pin (pin 12) of the L6563H: this pin is connected through a resistor
divider to the VFF pin (pin 5), which provides the information of the mains voltage peak
value. An internal comparator enables the IC operations if the mains level is correct, within
the nominal limits. At startup, if the input voltage is below 90 Vac (typ.), circuit operations are
inhibited.
1.4
L6563H fast voltage feed-forward
The voltage on the L6563H VFF pin (pin 5) is the peak value of the voltage on the MULT pin
(pin 3). The RC network (R15 + R26, C12) connected to VFF completes a peak-holding
circuit. This signal is necessary to derive information from the RMS input voltage to
compensate the loop gain that is mains voltage dependent.
Generally speaking, if the time constant is too small, the voltage generated is affected by a
considerable amount of ripple at twice the mains frequency, therefore causing distortion of
the current reference (resulting in higher THD and lower PF). If the time constant is too
large, there is a considerable delay in setting the right amount of feed-forward, resulting in
excessive overshoot or undershoot of the pre-regulator's output voltage in response to large
line voltage changes.
RH
RL 1.25V VBM
–

VBM
----------------------------------------------
69.67k
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com