Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4248 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 3Page - STMicroelectronics AN4248 Datasheet HTML 4Page - STMicroelectronics AN4248 Datasheet HTML 5Page - STMicroelectronics AN4248 Datasheet HTML 6Page - STMicroelectronics AN4248 Datasheet HTML 7Page - STMicroelectronics AN4248 Datasheet HTML 8Page - STMicroelectronics AN4248 Datasheet HTML 9Page - STMicroelectronics AN4248 Datasheet HTML 10Page - STMicroelectronics AN4248 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
DocID024214 Rev 1
7/46
AN4248
AC_OK setting for brownout
3
AC_OK setting for brownout
This pin is used for brownout function when the mains voltage goes below minimum
operating level. This is not a latched shutdown. The purpose of this protection feature is to
prevent any overheating at the primary side due to brownout condition. A voltage below 0.45
V shuts down (not latched) the IC, lowers its consumption and clears the latch set by latched
protections. The IC's operation is re-enabled as the voltage exceeds 0.45 V. The protection
is done by using a simple resistor divider network RH and RL. By setting AC_OK pin voltage
at 0.45 V with proper selection of divider resistor at < 90 Vac, we can make the controller
shut down at desired mains undervoltage level.
The brownout comparator is provided with current hysteresis in addition to voltage
hysteresis: an internal 15
μA current sink is ON as long as the voltage applied on the
AC_OK pin is such that the AC_FAIL signal is high.
Figure 2. Brownout protection: internal block diagram
The following relationships can be established for the ON (VsenON) and OFF (VsenOFF)
thresholds of the sensed voltage:
Equation 1
From the above relations, we derive the upper resistor and lower resistor values of the
divider network as below:
Equation 2
After calculating, referring to the schematic we have following values :
R4 = R9 = R13 = 330 K, R21 = 5.1 K and R22 = 510E approximately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com