Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4248 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 5Page - STMicroelectronics AN4248 Datasheet HTML 6Page - STMicroelectronics AN4248 Datasheet HTML 7Page - STMicroelectronics AN4248 Datasheet HTML 8Page - STMicroelectronics AN4248 Datasheet HTML 9Page - STMicroelectronics AN4248 Datasheet HTML 10Page - STMicroelectronics AN4248 Datasheet HTML 11Page - STMicroelectronics AN4248 Datasheet HTML 12Page - STMicroelectronics AN4248 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
DocID024214 Rev 1
9/46
AN4248
Mains feed-forward setting
Equation 3
Where Vinmin and Vinmax is the rectified DC voltage at minimum and maximum mains
voltage. VR is the reflected voltage. The parameter Kopt is used to calculate the resistor
divider values connected to VFF pin (RVFF_H and RVFF_L), Which gives the following
values, referring to the schematic (normally same resistor divider network of AC_OK pin can
also be used by splitting RVFF_L into two values):
We have RVFF = 1M, RVFF_L = 510 E;
R4 = R9 = R13 = 330 K, R21 = 5.1 K and R22 = 510E approximately.
Accordingly, we can calculate the sense resistor value connected at the MOSFET source as
per the equations below:
Equation 4
Where Ipkpmax is the peak drain current at Vacmin.
We have following parameters in our design:
–Vinmin = 90ν2 = 127 V
–Vinmax = 265ν2= 375 V
–Ipkp = 2.2 A
–VR = 140 V
Which gives: kopt = 0.0035 and hence Rs = 0.39 Ω. In the schematic R35 = R36 = R29 =
1.2E, R30 = 10E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com