Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4248 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4248 Datasheet HTML 1Page - STMicroelectronics AN4248 Datasheet HTML 2Page - STMicroelectronics AN4248 Datasheet HTML 3Page - STMicroelectronics AN4248 Datasheet HTML 4Page - STMicroelectronics AN4248 Datasheet HTML 5Page - STMicroelectronics AN4248 Datasheet HTML 6Page - STMicroelectronics AN4248 Datasheet HTML 7Page - STMicroelectronics AN4248 Datasheet HTML 8Page - STMicroelectronics AN4248 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
List of figures
AN4248
4/46
DocID024214 Rev 1
List of figures
Figure 1.
L6566B block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
Brownout protection: internal block diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
L6566B mains feed-forward section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
Power capability change vs. input voltage in QR flyback converters . . . . . . . . . . . . . . . . . . 8
Figure 5.
Mains overvoltage shutdown implementation using AC_OK pin . . . . . . . . . . . . . . . . . . . . 10
Figure 6.
Overload delay circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 7.
Power discrete thermal shutdown using the DIS pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 8.
Output overvoltage setting using Z the CD pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 9.
Transformer windings & termination . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 10.
Transformer winding construction method . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 11.
Magnitude and phase plot at 230 Vac, full load 60 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 12.
Magnitude and phase plot at 230 Vac, light load 6 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 13.
Magnitude and phase plot at 115 Vac, full load 60 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 14.
Magnitude and phase plot at 115 Vac, light load 6 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 15.
Electrical schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 16.
Condition 1: Vac = 100 V; Iout = 0.6 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 17.
Condition 2: Vac = 100 V; Iout = 1.2 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 18.
Condition 3: Vac = 100 V; Iout = 1.8 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 19.
Condition 4: Vac = 100 V; Iout = 2.4 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 20.
Condition 5: Vac = 180 V; Iout = 0.6 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 21.
Condition 6: Vac = 180 V; Iout = 1.2 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 22.
Condition 7: Vac = 180 V; Iout = 1.8 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 23.
Condition 8: Vac = 180 V; Iout = 2.4 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 24.
Condition 9: Vac = 230 V; Iout = 0.6 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 25.
Condition 10: Vac = 230 V; Iout = 1.2 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 26.
Condition 11: Vac = 230 V; Iout = 1.8 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 27.
Condition 12: Vac = 230 V; Iout = 2.4 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 28.
Condition 13: Vac = 265 V; Iout = 0.6 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 29.
Condition 14: Vac = 265 V; Iout = 1.2 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 30.
Condition 15: Vac = 265 V; Iout = 1.8 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 31.
Condition 16: Vac = 265 V; Iout = 2.4 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 32.
Hold up test CH1: load current 2.4 A max; CH4: AC Input 230 V. . . . . . . . . . . . . . . . . . . . 37
Figure 33.
Output soft start CH1: load current; CH2: output voltage, 24 Vmax . . . . . . . . . . . . . . . . . . 38
Figure 34.
Output short circuit (hiccup mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 35.
Switching attempts during hiccup mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 36.
Single switching pulse (Vdrain and Idrain) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 37.
Single switching pulse-no saturation of transformer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 38.
Burst mode operation at 100 Vac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 39.
Burst mode operation at 265 Vac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com