Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4355 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4355
Description  The L6480 and L6482 devices are motor controllers providing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4355 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4355 Datasheet HTML 1Page - STMicroelectronics AN4355 Datasheet HTML 2Page - STMicroelectronics AN4355 Datasheet HTML 3Page - STMicroelectronics AN4355 Datasheet HTML 4Page - STMicroelectronics AN4355 Datasheet HTML 5Page - STMicroelectronics AN4355 Datasheet HTML 6Page - STMicroelectronics AN4355 Datasheet HTML 7Page - STMicroelectronics AN4355 Datasheet HTML 8Page - STMicroelectronics AN4355 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
The L6480 and L6482 communication interface
AN4355
4/25
DocID025240 Rev 2
The connection diagram of the configuration is shown in Figure 1.
Figure 1.
Daisy chain connection diagram
In this configuration, the chain of slaves acts as a single slave with an SPI device of N byte.
Each communication cycle, for example when the master needs to transmit/receive a byte
from/to a slave, the master must fill all the shift registers of the slaves before raising the CS
line.
The devices are addressed according to the position of the byte in the communication cycle:
the first byte transmitted by the master is received by the last device of the chain; the
second one is received by the last-but-one slave and so on down to the last transmitted byte
which is received by the first slave of the chain. The response bytes from the device chain
are addressed to the same way: the first byte received by the master has been transmitted
by the last device of the chain; the second one has been transmitted by the last-but-one
slave and so on down to the last received byte which has been transmitted by the first slave
of the chain.
In theory, the number of slaves that an MCU can drive using the daisy chain configuration is
unlimited; in practice the maximum number of devices connected to the same SPI depends
on the clock skew.
The number of slaves limits the communication speed also because every time a byte has
to be transmitted to a device, the whole N slave chain has to be filled transmitting N - 1 extra
bytes.
MCU
Serial clock
Slave select
Serial data out
Serial data in
Device 1 (1st of the chain)
to SDI of
device 2
to SDI of
device X+2
from SDO of
device X -1
from SDO of
device N -1
Device X
Device X+1
Device N (last of the chain)
CS
CK
SDI
SDO
CS
CK
SDI
SDO
CS
CK
SDI
SDO
CS
CK
SDI
SDO
AM16587v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com