Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1040 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1040
Description  STEVAL-SPIMD20 demonstration kit based on the SPIMD20 integrated motor drive
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1040 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1040 Datasheet HTML 3Page - STMicroelectronics UM1040 Datasheet HTML 4Page - STMicroelectronics UM1040 Datasheet HTML 5Page - STMicroelectronics UM1040 Datasheet HTML 6Page - STMicroelectronics UM1040 Datasheet HTML 7Page - STMicroelectronics UM1040 Datasheet HTML 8Page - STMicroelectronics UM1040 Datasheet HTML 9Page - STMicroelectronics UM1040 Datasheet HTML 10Page - STMicroelectronics UM1040 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
UM1040
Connection and initialization
Doc ID 18362 Rev 3
7/19
2.5
Execution of the autotuning and parameter saving
procedures
If connecting, for the first time, motors installing EnDat type transducers, it is necessary to
temporarily save the EnDat phase into the retentive memory of the transducer, in order to
reset the relevant alarm.
–
enter the “Live” mode
–
select the “Pre Operational” state on the NMT state machine
–
select the menu Configuration > Transducer > EnDat (Rotary Encoders)
–
press StorePhase
When the autotuning test “Calculate and Store EnDat Phase” is executed, this temporary
value is overwritten with the correct value.
1.
1.Supply the DC-BUS to the SPIMD20 (ensure that the bulk capacitors are correctly
connected)
2.
Enter “Live” mode and select the “Operational” state on the NMT state machine
3.
Select the autotuning menu depending on the motor transducer type: UTILITIES >
AUTOTUNING > Motor with xxx
4.
4. Select the tests to be run and press “Start Test”. To abort a selected test when
already running press “Disable Drive”.
At the end of the tests remember to save the calculated parameters into the Flash memory.
The following autotuning tests are available (following their internal execution sequence if
more than one is selected):
●
Calculate Theoretical C_LOOP gains
Calculates the current loop theoretical gains following the values of the parameters
“Motor Resistance”, “Motor Inductance” and “Current Loop Frequency”.
●
Calculate C_LOOP gains
Calculates the current loop gains by positioning a current vector modulated with a
square wave on the “U” phase, with torque value changing from 10% to 50% of the
nominal torque parameter.
A very low proportional gain is used at the beginning with integral gain = 0.
The proportional gain is then doubled every time, until the current loop oscillates.It is
then progressively reduced by 10% of the oscillation value, until the oscillation
disappears. The correct proportional gain is therefore obtained. This operation is
repeated for the integral gain.
●
Tune Resolver Driving Wave
Refers to motors installing BRX resolvers.If it is activated with other types of
transducers, an autotuning alarm indicates that the transducer is wrong.
A fixed current vector is positioned on the “U” phase. The sinusoidal driving wave is
tuned in such a way that phase is synchronized to the current loop, the maximum width
is adjusted according to requirements and the max. and min. thresholds, to output the
resolver fault alarm, are also set. The resolver alarm is then enabled.
●
Calculate Resolver Phase
Refers to motors installing BRX resolvers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com