Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1040 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1040
Description  STEVAL-SPIMD20 demonstration kit based on the SPIMD20 integrated motor drive
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1040 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1040 Datasheet HTML 1Page - STMicroelectronics UM1040 Datasheet HTML 2Page - STMicroelectronics UM1040 Datasheet HTML 3Page - STMicroelectronics UM1040 Datasheet HTML 4Page - STMicroelectronics UM1040 Datasheet HTML 5Page - STMicroelectronics UM1040 Datasheet HTML 6Page - STMicroelectronics UM1040 Datasheet HTML 7Page - STMicroelectronics UM1040 Datasheet HTML 8Page - STMicroelectronics UM1040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
UM1040
Connection and initialization
Doc ID 18362 Rev 3
5/19
The basic software provides three interface options:
–
SPIMD20_LOCAL_vnn_nn_nnnn.rbx (Local interface): allows control of the
SPIMD20 from the PC via the RS232 serial connection, and to parameterize the
SPIMD20 and perform the current, speed, and autotuning tests.
–
SPIMD20_CANOP_vnn_nn_nnnn.rbx (CANopen interface): allows the operation
of the SPIMD20 as a slave of a CANopen master with the DS301/DSP402
protocols. This software version also contains the Local interface, which is
selectable with the dedicated command in the shell partition. In this way the
CANopen interface is completely bypassed and the SPIMD20 is controlled only via
the serial channel.
–
SPIMD20_ECAT_CoE_vnn_nn_nnnn.rbx (interface Can Over EtherCAT): allows
the use of the SPIMD20 as a slave of an EtherCAT master with the CoE DSP402
protocol.This software version also contains the Local interface, which is
selectable with the dedicated command in the shell partition. In this way the
CANopen interface is completely bypassed and the SPIMD20 is controlled only via
the serial channel.
2.4
Initialization of the SPIMD20/motor base parameters
1.
Install the Robox RDE programming suite and copy the licence file into the installation
folder
2.
Start RDE
3.
Open the workspace “SPIMD20_Local.rws”
4.
If connecting for the first time, set the communication port in the Workspace window:
Menu Display > WorkSpace Windows, to open the window
5.
Double-click Connection > BCC/31 on RS232 > mycomm, and set the COM port of the
PC (speed=autodetection, handshake=none)
6.
Save the workspace to avoid repeating the procedure at the next startup
7.
Enter the command “sysinfo” into the shell command bar and press Enter to check the
answer, to verify that communication is running correctly
8.
Activate the IMD configuration tool by pressing the relevant key in the toolbar and enter
“Live” mode
9.
Set the NMT machine state to “Pre Operational” mode by pressing the relevant key
(some parameters can be set only in this mode)
Note:
The dictionary tooltip is available on each configurator item. Refer to the IMD Local Interface
SW Manual for each entry description.
10. Set the SPIMD20 basic parameters in the following menus:
●
Configuration > Transducer > Transducer Type:
Select the transducer type and fill in the corresponding parameter menu:
for resolver
–
number of poles
–
frequency of the driving signal (4/8 KHz)
–
disactivate the resolver fault alarm
for rotary EnDat
–
configure the number of bits per rotation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com