Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1685 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1685
Description  EVAL6480H and EVAL6482H: high power microstepping motor drivers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1685 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1685 Datasheet HTML 3Page - STMicroelectronics UM1685 Datasheet HTML 4Page - STMicroelectronics UM1685 Datasheet HTML 5Page - STMicroelectronics UM1685 Datasheet HTML 6Page - STMicroelectronics UM1685 Datasheet HTML 7Page - STMicroelectronics UM1685 Datasheet HTML 8Page - STMicroelectronics UM1685 Datasheet HTML 9Page - STMicroelectronics UM1685 Datasheet HTML 10Page - STMicroelectronics UM1685 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
DocID025458 Rev 2
7/31
UM1685
Boards description
31
Table 4. EVAL6480H - slave SPI connector pinout (J4)
Pin number
Type
Description
1
Open drain output
L6480 BUSY output
2
Open drain output
L6480 FLAG output
3
Ground
Ground
4
Supply
EXT_VDD (can be used as external logic power supply)
5
Digital output
SPI master IN slave OUT signal (connected to pin 5 of J3)
6
Digital input
SPI serial clock signal (connected to L6480 CK input)
7
Digital input
SPI master OUT slave IN signal (connected to L6480 SDO output)
8
Digital input
SPI slave select signal (connected to L6480 CS input)
9
Digital input
L6480 step-clock input
10
Digital input
L6480 standby/reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com