Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2064 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2064
Description  Compliance of series/parallel protections for Telecom CO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2064 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2064 Datasheet HTML 3Page - STMicroelectronics AN2064 Datasheet HTML 4Page - STMicroelectronics AN2064 Datasheet HTML 5Page - STMicroelectronics AN2064 Datasheet HTML 6Page - STMicroelectronics AN2064 Datasheet HTML 7Page - STMicroelectronics AN2064 Datasheet HTML 8Page - STMicroelectronics AN2064 Datasheet HTML 9Page - STMicroelectronics AN2064 Datasheet HTML 10Page - STMicroelectronics AN2064 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN2064 - APPLICATION NOTE
7/14
Table 4: SMP100MC series datasheet absolute ratings (Tamb = 25°C)
Tables 3 and 4 show that the SMP100MC-270 complies with the CO US market standard requirements.
The telecom system design engineer must next define the suitable fuse. Figure 6 gives the surge
capability limit of the SMP100MC series TRISIL when submitted to the power fault disturbances. The
series overcurrent protection device cannot be a PTC due to its high resistance value, so the only choice
will be the fuse, which meets the following criteria:
. Shall not operate for 100A 10/1000µs surge
. Shall not operate for 500A 2/10µs surge
. Shall operate for 25ARMS (35.4A peak) within 40ms (see SMP100MC series ITSM curve figure 6)
. Shall operate for 60ARMS (85A peak) within 4ms (estimated value)
Symbol
Parameter
Value
Unit
IPP
Repetitive peak pulse current
10/1000 µs
8/20 µs
10/560 µs
5/310 µs
10/160 µs
1/20 µs
2/10 µs
100
400
140
150
200
400
500
A
IFS
Fail-safe mode : maximum current (note 1)
8/20 µs
5
kA
ITSM
Non repetitive surge peak on-state current (sinusoidal)
t = 0.2 s
t = 1 s
t = 2 s
t = 15 mn
18
9
7
4
A
I2tI2t value for fusing
t = 16.6 ms
t = 20 ms
20
21
A2s
Tstg
Tj
Storage temperature range
Maximum junction temperature
-55 to 150
150
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
Note 1: in fail safe mode, the device acts as a short circuit
Figure 6: ITSM and IRMS capability versus surge duration
0
10
20
30
40
50
60
70
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Surge Current (A)
t(s)
F=50Hz
T initial = 25°C
j
ITSM
IRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com