Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2064 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2064
Description  Compliance of series/parallel protections for Telecom CO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2064 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2064 Datasheet HTML 1Page - STMicroelectronics AN2064 Datasheet HTML 2Page - STMicroelectronics AN2064 Datasheet HTML 3Page - STMicroelectronics AN2064 Datasheet HTML 4Page - STMicroelectronics AN2064 Datasheet HTML 5Page - STMicroelectronics AN2064 Datasheet HTML 6Page - STMicroelectronics AN2064 Datasheet HTML 7Page - STMicroelectronics AN2064 Datasheet HTML 8Page - STMicroelectronics AN2064 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AN2064 - APPLICATION NOTE
2/14
1. TRISIL™ selection
Transient voltage suppressor (TRISIL) selection has to take into account the two working modes it will
meet during its life. The first mode is the normal operating mode where the protection device has to be
transparent, that means no impact on the speech or data signal. The second mode is the suppression
mode where the TRISIL has to eliminate all dangerous transient voltage surges.
During normal operation, we have to focus on voltages and currents managed in the line. These values
depend on the specific countries where equipment is located and the type of signal being managed
(analog or digital). For example, in the US the nominal battery voltage is -56.6V and the ringing voltage
is 150VRMS, where the normal operating voltage is between 0V and -56.6V in speech or dialing mode and
between +155.5V and -268.7V in ringing mode. In digital networks the voltages can be the same as those
used in analog networks, as is the case with ADSL. Frequently, ringing is managed by digital code where
only the battery voltage is present (generally -100V), as is the case in ISDN applications. When the
telephone is picked up, the loop current increases and indicates to the CO to stop the ring signal or to wait
for dialing signals. Call connection occurs when the loop current exceeds a few milliamps. Analog CO
systems may use series resistors while digital systems do not. These resistors (10
Ω to 100Ω depending
on the applicable country standard) are used to manage line longitudinal balancing while the use of any
series resistance is forbidden in ADSL system. From these requirements we can conclude that the TRISIL
threshold voltage has to be higher than 268.8V for US analog and ADSL networks (190V for Europe) while
the TRISIL leakage current has to be lower than 1mA. The right choice for US is 270V (200V for Europe)
and the leakage current is less than a few µA.
When considering the suppression mode, we have to take into account that telecommunication lines can
be subjected mainly to two kinds of disturbances. The first disturbance is linked to atmospheric effects
while the second disturbance is produced by contact or proximity with the 50/60Hz mains network. These
disturbances are well defined in standards, which can be worldwide or dedicated to a specific country.
Figure 2: One wire telecom protection topology
Line side
Series element
Transient Voltage Suppressor
or
TRISIL
Protected side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com