Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2064 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2064
Description  Compliance of series/parallel protections for Telecom CO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2064 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2064 Datasheet HTML 1Page - STMicroelectronics AN2064 Datasheet HTML 2Page - STMicroelectronics AN2064 Datasheet HTML 3Page - STMicroelectronics AN2064 Datasheet HTML 4Page - STMicroelectronics AN2064 Datasheet HTML 5Page - STMicroelectronics AN2064 Datasheet HTML 6Page - STMicroelectronics AN2064 Datasheet HTML 7Page - STMicroelectronics AN2064 Datasheet HTML 8Page - STMicroelectronics AN2064 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN2064 - APPLICATION NOTE
3/14
The table 1 gives the main lightning standards.
Table 1: Main line card lightning surge standards
Main worldwide standards for 50/60Hz overvoltage disturbances can be defined by two parameters: the
applied RMS voltage, between 60V and 1000V, and the test duration, between 0.2s and 15min.
From this section we can conclude that the TRISIL current capability must be adapted according to the
specific country (for example, a waveform surge of 100A for 10/1000µs for the US). As TRISIL are
dedicated to manage high currents for short duration surges (in the range of hundreds of ms) the 50/60Hz
disturbances test requirements show the need of a complementary protection stage, implemented with
series protection devices like fuses or positive temperature coefficient resistors (PTC).
2. Protection circuit
In the protection circuit we find particularities linked to the characteristics already mentioned in the TRISIL
selection section and also linked to the CO line interface. Generally the subscriber line interface circuit
(SLIC) is directly connected to the line without any isolation stage when operating in analog mode, while
in digital applications isolation is achieved using
a transformer.
Please note that, at the CO side,
protection is split into two areas - the primary protection stage located in the MDF and the secondary
protection directly soldered on the subscriber line card.
Country
Standard
Surge voltage
Waveform
Current
Worldwide
ITU-T K20
1500V
10/700µs
37.5A
Worldwide
IEC-61000-4-5
1000/4000V
10/700µs
25/100A
Worldwide
IEC-61000-4-5
1000/4000V
1.2/50µs
25/100A
Germany
VDE0433
2000V
10/700µs
50A
Germany
VDE0878
2000V
1.2/50µs
50A
USA
GR-1089 Core (Telcordia)
2500V
2/10µs
500A
USA
GR-1089 Core (Telcordia)
1000V
10/1000µs
100A
France
I3124
1000V
0.5/700µs
25A
Figure 3: Analog line card protection circuit
SLIC
Ring generator
Tip
Ring
-V bat
Relay
PTC or Fuse
PTC or Fuse
TRISIL 1
TRISIL 1
TRISIL 2
TRISIL 2
Rs1
Rs1
Rs2
Rs2
Subscriber line card
Secondary protection, first stage Fuse or PTC and TRISIL 1, second stage TRISIL 2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com