Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2344 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2344
Description  Power MOSFET avalanche characteristics and ratings
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2344 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2344 Datasheet HTML 3Page - STMicroelectronics AN2344 Datasheet HTML 4Page - STMicroelectronics AN2344 Datasheet HTML 5Page - STMicroelectronics AN2344 Datasheet HTML 6Page - STMicroelectronics AN2344 Datasheet HTML 7Page - STMicroelectronics AN2344 Datasheet HTML 8Page - STMicroelectronics AN2344 Datasheet HTML 9Page - STMicroelectronics AN2344 Datasheet HTML 10Page - STMicroelectronics AN2344 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
AN2344
Testing avalanche ruggedness
7/27
2
Testing avalanche ruggedness
The avalanche capability of the device is usually evaluated by using a circuit that performs
an Unclamped Inductive Switching (UIS) operation like the one shown in Figure 2. The
operation is as follows:
1.
At zero time, the device switches ON, closing the circuit.
2.
The current increases following an exponential law as a function of the L/R
characteristics of the circuit, which are caused by the presence of an inductance, given
some resistance due to the layout and the MOSFET ON resistance (RDS(ON)).
3.
As soon as the device is switched OFF, the dI/dt causes an overvoltage on the drain of
the device because the magnetic field in the inductance cannot instantaneously go to
zero (see Figure 3.).
Figure 2.
UIS reference diagram
Figure 3.
Typical UIS waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com