Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2344 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2344
Description  Power MOSFET avalanche characteristics and ratings
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2344 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2344 Datasheet HTML 1Page - STMicroelectronics AN2344 Datasheet HTML 2Page - STMicroelectronics AN2344 Datasheet HTML 3Page - STMicroelectronics AN2344 Datasheet HTML 4Page - STMicroelectronics AN2344 Datasheet HTML 5Page - STMicroelectronics AN2344 Datasheet HTML 6Page - STMicroelectronics AN2344 Datasheet HTML 7Page - STMicroelectronics AN2344 Datasheet HTML 8Page - STMicroelectronics AN2344 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
AN2344
MOSFET fundamentals
5/27
1
MOSFET fundamentals
Figure 1. shows a basic, simplified MOSFET structure. The actual MOSFET is an infinite
parallel of these 'microscopic ' structures that work together, sharing the same Drain with all
of the Gates which are connected together by a deposited polysilicon mesh, and all of the
Sources are linked by the top metal layer.
In this case, the ‘mesh’ is the ST-patented, high voltage Mesh Overlay™ technology, which
optimizes the body-drain junction shape as well as improves other aspects of the MOSFET
structure. However, the overall concept of this vertical structure can be considered valid for
various older technologies (e.g. cellular) as well.
During the ON state, while the gate source voltage is above the threshold, the conduction
current is localized in the drain and the region below the gate (channel). During the OFF
state, the voltage drop across the drain and source is sustained by the PN junction at
reverse bias, and a very small current (leakage) flows through the junction.
If the voltage increases too much and the electrical field reaches the critical value, the
junction goes into breakdown, and the current starts to flow through the body region. If an
overvoltage is applied to the junction, a current flows through it while the MOSFET limits the
actual drain-source breakdown voltage.
The breakdown mechanism itself is not destructive for a PN junction. However, overheating
caused by the high breakdown current and voltage damages the PN junction unless
sufficient heat sinking is provided.
Looking at the MOSFET structure, one can see that the PN junction is not a simple or
perfect diode. The MOSFET diode is the collector-base junction of a Bipolar Junction
Transistor (BJT), also called the parasitic transistor, made by the N+ region of source, P/P+
region of the body, and N+ region of the drain, with the base shorted to the emitter by the
front metal.
The capability of a MOSFET to withstand the avalanche condition takes into account these
concerns. In fact, two kinds of failure arise: one is related to current, and the other to power
dissipation. In the former, failure is caused by the latching of the parasitic bipolar due to the
current that flows through its base resistance, multiplied by the gain. The second is reached
when the temperature of the junction rises to a critical value that provokes the formation of
hot spots caused by regenerative thermal runaway, with average temperatures of about
650°C, that peak at approximately 1000°C, which then triggers extremely rapid device
destruction.
Figure 1.
MOSFET vertical structure and parasitic elements
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com