Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2344 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2344
Description  Power MOSFET avalanche characteristics and ratings
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2344 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2344 Datasheet HTML 5Page - STMicroelectronics AN2344 Datasheet HTML 6Page - STMicroelectronics AN2344 Datasheet HTML 7Page - STMicroelectronics AN2344 Datasheet HTML 8Page - STMicroelectronics AN2344 Datasheet HTML 9Page - STMicroelectronics AN2344 Datasheet HTML 10Page - STMicroelectronics AN2344 Datasheet HTML 11Page - STMicroelectronics AN2344 Datasheet HTML 12Page - STMicroelectronics AN2344 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
AN2344
Testing avalanche ruggedness
9/27
Legend:
VDS Device breakdown voltage constant during avalanche
IO Peak current during avalanche
L Inductance
R Coil series resistance
VDD Circuit supply voltage
ΨThe ratio of the inductor plus the resistor voltage to the resistor voltage drop: (VDS–
VDD)/(R•IO)
Table 1.
UIS circuit equations
Circuit condition
during
avalanche
tav(s)
Time in avalanche
Avalanche energy (J)
Avalanche power (W)
RVDD
0VDD
L IO/(VDS-VDD)
0.5 L IO
2 V
DS/(VDS – VDD)
0.5 IO VDS
00
L IO/VDS
0.5 L IO
2
0.5 IO VDS
RVDD
(L/R)In[1/In(1+1/
Ψ)-Ψ](L IO VDS/R)[1-ΨIn(1+1/Ψ)]
IO VDS [1/In(1+1/Ψ)-Ψ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com